Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8058 Datasheet (PDF) - Analog Devices

AD8058 Datasheet PDF - Analog Devices
Part # AD8058
Download  AD8058 Download
File Size   351.56 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier

AD8058 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8058 Datasheet PDF - Analog Devices

Part # AD8058
Download  AD8058 Click to download

File Size   351.56 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier

AD8058 Datasheet (HTML) - Analog Devices


AD8058 Product details

FEATURES Low cost single (AD8057) and dual (AD8058)
High speed
325 MHz, −3 dB bandwidth (G = +1) 1000 V/μs slew rate Gain flatness: 0.1 dB to 28 MHz
Low noise 7 nV/√Hz
Low power
5.4 mA/amplifier typical supply current at 5 V
Low distortion
−85 dBc at 5 MHz, RL = 1 kΩ
Wide supply range from 3 V to 12 V Small packaging
AD8057 is available in an 8-lead SOIC and 5-lead SOT-23 AD8058 is available in an 8-lead SOIC and an 8-lead MSOP
APPLICATIONS
Imaging
DVD/CD Photodiode preamp
Analog-to-digital driver Professional cameras filters




Similar Part No. - AD8058

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8058 AD-AD8058 Datasheet
184Kb / 14P
Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV.A
AD8058 AD-AD8058 Datasheet
260Kb / 16P
Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
AD8058 AD-AD8058 Datasheet
924Kb / 24P
Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD8058 AD-AD8058 Datasheet
485Kb / 17P
Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
REV. D
AD8058 AD-AD8058 Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
More results


Similar Description - AD8058

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8055 AD-AD8055 Datasheet
207Kb / 11P
Low Cost, 300 MHz Voltage Feedback Amplifiers
REV.B
AD8057 AD-AD8057 Datasheet
184Kb / 14P
Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV.A
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8057 AD-AD8057_03 Datasheet
260Kb / 16P
Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8058ARZ AD-AD8058ARZ Datasheet
485Kb / 17P
Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
REV. D
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8057 AD-AD8057_15 Datasheet
352Kb / 16P
Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
Rev. E
AD8058 AD-AD8058_15 Datasheet
352Kb / 16P
Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com