Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP495 Datasheet (PDF) - Analog Devices

OP495 Datasheet PDF - Analog Devices
Part # OP495
Download  OP495 Download
File Size   375.79 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual/Quad Rail-to-Rail Operational Amplifiers

OP495 Datasheet (PDF)

Go To PDF Page Download Datasheet
OP495 Datasheet PDF - Analog Devices

Part # OP495
Download  OP495 Click to download

File Size   375.79 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual/Quad Rail-to-Rail Operational Amplifiers

OP495 Datasheet (HTML) - Analog Devices


OP495 Product details

FEATURES
Rail-to-rail output swing
Single-supply operation: 3 V to 36 V
Low offset voltage: 300 μV
Gain bandwidth product: 75 kHz
High open-loop gain: 1000 V/mV
Unity-gain stable
Low supply current/per amplifier: 150 μA maximum
APPLICATIONS
Battery-operated instrumentation
Servo amplifiers
Actuator drives
Sensor conditioners
Power supply control




Similar Part No. - OP495

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP495 AD-OP495 Datasheet
328Kb / 12P
DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
REV.B
OP495 AD-OP495 Datasheet
399Kb / 16P
Dual/Quad Rail-to-Rail Operational Amplifiers
Rev. E
OP495 AD-OP495 Datasheet
696Kb / 24P
22 關A, RRIO, CMOS, 18 V
REV. B
OP495GBC AD-OP495GBC Datasheet
328Kb / 12P
DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
REV.B
OP495GP AD-OP495GP Datasheet
328Kb / 12P
DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
REV.B
More results


Similar Description - OP495

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP295 AD-OP295 Datasheet
328Kb / 12P
DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
REV.B
OP295 AD-OP295_06 Datasheet
399Kb / 16P
Dual/Quad Rail-to-Rail Operational Amplifiers
Rev. E
logo
ON Semiconductor
LMV321 ONSEMI-LMV321 Datasheet
250Kb / 20P
Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
August, 2009 ??Rev. 8
LMV821 ONSEMI-LMV821 Datasheet
794Kb / 16P
Single, Dual, Quad Low Voltage, Rail-to-Rail Operational Amplifiers
October, 2009 ??Rev. 1
logo
Global Mixed-mode Techn...
G1563 GMT-G1563 Datasheet
651Kb / 1P
Dual Rail-to-Rail Operational Amplifiers
logo
Analog Devices
OP295 AD-OP295_15 Datasheet
376Kb / 16P
Dual/Quad Rail-to-Rail Operational Amplifiers
Rev. G
OP495 AD-OP495_15 Datasheet
376Kb / 16P
Dual/Quad Rail-to-Rail Operational Amplifiers
Rev. G
logo
ON Semiconductor
LMV321 ONSEMI-LMV321_15 Datasheet
189Kb / 20P
Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
February, 2015 ??Rev. 12
logo
E-CMOS Corporation
EC5614 E-CMOS-EC5614 Datasheet
596Kb / 9P
High Performance Rail-to-Rail Quad Operational Amplifiers
logo
ON Semiconductor
LMV321 ONSEMI-LMV321_V01 Datasheet
608Kb / 22P
Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
January, 2021 ??Rev. 16
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com