Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAIXP972MLEA4 Datasheet (PDF) - Intel Corporation

FAIXP972MLEA4 Datasheet PDF - Intel Corporation
Part # FAIXP972MLEA4
Download  FAIXP972MLEA4 Download
File Size   1213.12 Kbytes
Page   92 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Single-Port 10/100 Mbps PHY Transceiver

FAIXP972MLEA4 Datasheet (PDF)

Go To PDF Page Download Datasheet
FAIXP972MLEA4 Datasheet PDF - Intel Corporation

Part # FAIXP972MLEA4
Download  FAIXP972MLEA4 Click to download

File Size   1213.12 Kbytes
Page   92 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Single-Port 10/100 Mbps PHY Transceiver

FAIXP972MLEA4 Datasheet (HTML) - Intel Corporation


FAIXP972MLEA4 Product details

Single-Port 10/100 Mbps PHY Transceiver

The Intel® LXT972M Single-Port 10/100 Mbps PHY Transceiver is an IEEE compliant Fast Ethernet PHY Transceiver that directly supports both 100BASE-TX and 10BASE-T applications. It provides a Media Independent Interface (MII) for easy attachment to 10/100 Media Access Controllers (MACs). Both full and half-duplex operation at 10 Mbps and 100 Mbps is supported. Operation mode can be set to auto-negotiation, parallel detection, or manual control. The device is powered from a single 3.3V power supply.

Product Features
■ 3.3V Operation
■ IEEE 802.3-compliant 10BASE-T or 100BASE-TX with integrated filters
■ Auto-negotiation and parallel detection
■ MII interface with extended register capability
■ Robust baseline wander correction
■ Carrier Sense Multiple Access / Collision Detection (CSMA/CD) or full-duplex operation
■ JTAG boundary scan
■ MDIO serial port or hardware pin configurable
■ Integrated, programmable LED drivers
■ 48-pin Low-profile Quad Flat Package

Applications
■ Combination 10BASE-T/100BASE-TX Network Interface Cards (NICs)
■ Wireless access points
■ Network printers
■ 10/100 Personal Computer Memory Card International Association (PCMCIA) cards
■ Cable Modems and Set-Top Boxes




Similar Part No. - FAIXP972MLEA4

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
FAIXPEAD0QE000 INTEL-FAIXPEAD0QE000 Datasheet
2Mb / 226P
Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXPEAD0QE001 INTEL-FAIXPEAD0QE001 Datasheet
2Mb / 226P
Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXPEAD0SE000 INTEL-FAIXPEAD0SE000 Datasheet
2Mb / 226P
Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXPEAD0SE001 INTEL-FAIXPEAD0SE001 Datasheet
2Mb / 226P
Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXPECD0QE000 INTEL-FAIXPECD0QE000 Datasheet
2Mb / 226P
Advanced 8-Port 10/100 Mbps PHY Transceivers
More results


Similar Description - FAIXP972MLEA4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC101L-PB01-R ETC-AC101L-PB01-R Datasheet
102Kb / 2P
10 / 100 BASE-TX SINGLE-PHY TRANSCEIVER
AC101-QF ETC-AC101-QF Datasheet
155Kb / 2P
10/100 BASE - TX SINGLE-CHANNEL ALTI PHY TRANSCEIVER
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
10/100 FAST ETHERNET PHY TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC8201 VITESSE-VSC8201 Datasheet
487Kb / 21P
Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
logo
Intel Corporation
LXT9785 INTEL-LXT9785 Datasheet
2Mb / 226P
Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
10/100 Fast Ethernet PHY Transceiver
logo
List of Unclassifed Man...
AC101L ETC2-AC101L Datasheet
73Kb / 2P
10/100BASE-TX SINGLE-PHY TRANSCEIVER
EGLXT973QEA3V ETC2-EGLXT973QEA3V Datasheet
402Kb / 20P
Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
WBLXT9785HED0 ETC2-WBLXT9785HED0 Datasheet
1Mb / 244P
Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
Texas Instruments
DP83848-EP TI1-DP83848-EP_V01 Datasheet
2Mb / 97P
PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com