Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS97301 Datasheet (PDF) - Reed Semiconductor Corp.

RS97301 Datasheet PDF - Reed Semiconductor Corp.
Part # RS97301
Download  RS97301 Download
File Size   194.04 Kbytes
Page   2 Pages
Manufacturer  REED [Reed Semiconductor Corp.]
Direct Link  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.
Description 2.5V to 22V, 25A, High-Efficiency Half-Bridge Power-stage with Current and Temperature Sense in 3x4mm Package

RS97301 Datasheet (PDF)

Go To PDF Page Download Datasheet
RS97301 Datasheet PDF - Reed Semiconductor Corp.

Part # RS97301
Download  RS97301 Click to download

File Size   194.04 Kbytes
Page   2 Pages
Manufacturer  REED [Reed Semiconductor Corp.]
Direct Link  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.
Description 2.5V to 22V, 25A, High-Efficiency Half-Bridge Power-stage with Current and Temperature Sense in 3x4mm Package

RS97301 Datasheet (HTML) - Reed Semiconductor Corp.


RS97301 Product details

Features
•Wide 2.5V to 22V Operating Input Range
•3.3V VDD supply for internal logic
•Integrated power stage with High/Low-side MOSFETs and Drivers
•50A Max, 25A TDC Output Current
•Operation Frequency up to 3MHz with 5V VIN and 2MHz with 12V VIN.
•Compatible with 3.3V tri-state PWM input
•Internal Current Sense and Temperature Sense
•Built in Protection
-Vin and VDD UVLO
-High side Over Current Protection
-Cycle-by-cycle Over Current Limit
-Over Temperature Protection (OTP)
•Small package size 3x4mm
•RoHS Compliant and Green




Similar Part No. - RS97301

ManufacturerPart #DatasheetDescription
logo
Reed Semiconductor Corp...
RS97503 REED-RS97503 Datasheet
193Kb / 2P
2.5V to 22V, 30A, High-Efficiency Half-Bridge Power-stage with Current and Temperature Sense in 3x5mm Package
RS97503GLTR REED-RS97503GLTR Datasheet
193Kb / 2P
2.5V to 22V, 30A, High-Efficiency Half-Bridge Power-stage with Current and Temperature Sense in 3x5mm Package
RS97503GLTT REED-RS97503GLTT Datasheet
193Kb / 2P
2.5V to 22V, 30A, High-Efficiency Half-Bridge Power-stage with Current and Temperature Sense in 3x5mm Package
More results


Similar Description - RS97301

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8044 MPS-MP8044 Datasheet
396Kb / 9P
22V, 4A Dual Channel Power Half-Bridge
logo
Altera Corporation
ET4040QI ALTERA-ET4040QI Datasheet
908Kb / 15P
40A Power Stage High Speed MOSFET with Integrated Current and Temperature Sense
logo
Texas Instruments
LMG5200 TI1-LMG5200_16 Datasheet
299Kb / 23P
GaN Half-Bridge Power Stage
logo
Monolithic Power System...
MP8048 MPS-MP8048 Datasheet
302Kb / 10P
22V, 4A Quad Channel Power Half-Bridge
logo
Texas Instruments
DRV8932 TI-DRV8932 Datasheet
2Mb / 40P
DRV8932 Quad Half-Bridge Driver With Integrated Current Sense
DRV8955 TI-DRV8955 Datasheet
3Mb / 45P
DRV8955 Quad Half-Bridge Driver With Integrated Current Sense
DRV8935 TI-DRV8935 Datasheet
3Mb / 42P
DRV8935 Quad Half-Bridge Driver With Integrated Current Sense
DRV8144-Q1 TI-DRV8144-Q1 Datasheet
2Mb / 66P
DRV8144-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
DRV8143-Q1 TI1-DRV8143-Q1 Datasheet
2Mb / 67P
DRV8143-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
DRV8145-Q1 TI-DRV8145-Q1_V02 Datasheet
2Mb / 65P
DRV8145-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com