Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC07EOA Datasheet (PDF) - Microchip Technology

TC07EOA Datasheet PDF - Microchip Technology
Part # TC07EOA
Download  TC07EOA Download
File Size   250.17 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 3V Logic Output Temperature Sensor with Programmable Hysteresis

TC07EOA Datasheet (PDF)

Go To PDF Page Download Datasheet
TC07EOA Datasheet PDF - Microchip Technology

Part # TC07EOA
Download  TC07EOA Click to download

File Size   250.17 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 3V Logic Output Temperature Sensor with Programmable Hysteresis

TC07EOA Datasheet (HTML) - Microchip Technology


TC07EOA Product details

GENERAL DESCRIPTION
The TC07 is a programmable, logic output temperature detector that operates from power supply levels as low as 2.7V. Programming is accomplished with external resistors connected from the temperature setpoint input (TSET) and the hysteresis control input (HSET) to VDD.

FEATURES
■ User Programmable Hysteresis and Temperature Set Point
■ Easily Programs with Two External Resistors
■ Wide Temperature Detection Range
    TC07CxA ....................................... 0°C to +70°C
    TC07ExA ................................ – 40°C to +85°C
    TC07VxA ............................... – 40°C to +125°C
■ Small 8-Pin MSOP and 8-Pin SOIC Packages
■ Cost Effective

APPLICATIONS
■ Power Supply Over-Temperature Detection
■ Consumer Equipment
■ Temperature Regulators
■ Computer Equipment




Similar Part No. - TC07EOA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC07EOA TELCOM-TC07EOA Datasheet
46Kb / 3P
3V LOGIC OUTPUT TEMPERATURE SENSOR WITH PROGRAMMABLE HYSTERESIS
More results


Similar Description - TC07EOA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC07 TELCOM-TC07 Datasheet
46Kb / 3P
3V LOGIC OUTPUT TEMPERATURE SENSOR WITH PROGRAMMABLE HYSTERESIS
logo
List of Unclassifed Man...
SMT160 ETC-SMT160 Datasheet
79Kb / 9P
Temperature sensor with digital output
logo
Analog Devices
ADCMP341 AD-ADCMP341 Datasheet
148Kb / 13P
Dual Comparators with 400mV Reference and programmable Hysteresis
ADCMP341 AD-ADCMP341_07 Datasheet
353Kb / 12P
Dual 0.275% Comparators and Reference with Programmable Hysteresis
2/07-Revision 0
logo
Microchip Technology
MCP9501 MICROCHIP-MCP9501 Datasheet
338Kb / 20P
Temperature Switch with Selectable Hysteresis
2011
TC623 MICROCHIP-TC623_13 Datasheet
141Kb / 12P
3V, Dual Trip Point Temperature Sensor
11/29/12 2001-2012
logo
Analog Devices
ADCMP341 AD-ADCMP341_15 Datasheet
346Kb / 12P
Comparators and Reference with Programmable Hysteresis
REV. A
ADCMP343 AD-ADCMP343_15 Datasheet
346Kb / 12P
Comparators and Reference with Programmable Hysteresis
REV. A
logo
Allegro MicroSystems
A1454 ALLEGRO-A1454 Datasheet
434Kb / 15P
3V Hall Effect Linear Sensor with I2C Output
logo
Vishay Siliconix
SIP32451 VISHAY-SIP32451 Datasheet
201Kb / 12P
Low logic control with hysteresis
8-Oct-12
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com