| Manufacturer | Part # | Datasheet | Description |
 Infineon Technologies A... |
PTVA123501EFC
|
1Mb / 14P |
Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05, 2015-07-07 |
|
PTFA072401EL
|
563Kb / 9P |
Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05, 2015-02-24 |
|
PTFA092213EL
|
1Mb / 10P |
Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05, 2015-03-04 |
|
PTFB211503EFL
|
832Kb / 14P |
Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-14 |
|
PTFB211501EF
|
351Kb / 13P |
Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 2016-06-14 |
|
PTFB182503EFL
|
694Kb / 12P |
Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10 |
|
PTFA180701EF
|
4Mb / 11P |
Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21 |
|
PTFA091201EF
|
8Mb / 10P |
Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2 |
|
PTFA080551EF
|
4Mb / 11P |
Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16 |
|
PTFC262157SH
|
473Kb / 10P |
THermlly- Enganced High Power RF LDMOS FET 200W, 28V, 2620 - 2690 MHz
2014-04-14 revision:03 |