Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC1214 Datasheet (PDF) - STMicroelectronics

TSC1214 Datasheet PDF - STMicroelectronics
Part # TSC1214
Download  TSC1214 Download
File Size   825.84 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low-side digital power monitor, with I²C bus interface

TSC1214 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSC1214 Datasheet PDF - STMicroelectronics

Part # TSC1214
Download  TSC1214 Click to download

File Size   825.84 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low-side digital power monitor, with I²C bus interface

TSC1214 Datasheet (HTML) - STMicroelectronics


TSC1214 Product details

Features
• 14-bit ADC for current sensing and ±80 mV range
• 11-bit ADC for voltage and temperature
• 2.7 V to 4.5 V power supply voltage
• Low-side and bidirectional current sensing
• Internal die temperature monitoring
• I²C digital interface for device control
• Internal 32768 Hz time base
• Operating free air temperature range: -40 °C to +85 °C

Applications
• Low voltage power supply monitoring

Description
The TSC1214 is a digital current, voltage, and temperature monitoring Analog Front
End (AFE), meant to monitor a low voltage power supply. It implements a double
monitoring path for current based on a 14-bit ADC and voltage or temperature based
on an 11-bit ADC. The device is programmable through the I²C interface.
The TSC1214 comes in a plastic MiniSO8 package and can operate in the -40 °C to
+85 °C ambient temperature range.




Similar Part No. - TSC1214

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSC12 ETC1-TSC12 Datasheet
534Kb / 4P
EURO TERMINAL BLOCKS
logo
Taiwan Semiconductor Co...
TSC1203ECMRNG TSC-TSC1203ECMRNG Datasheet
81Kb / 1P
High Voltage NPN Transistor High switching speed BVCBO 1050V
TSC128D TSC-TSC128D Datasheet
324Kb / 5P
High Voltage Fast-Switching NPN Power Transistor
TSC128DCMRN TSC-TSC128DCMRN Datasheet
214Kb / 6P
High Voltage NPN Transistor with Diode
TSC128DCZ TSC-TSC128DCZ Datasheet
324Kb / 5P
High Voltage Fast-Switching NPN Power Transistor
More results


Similar Description - TSC1214

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT62P1 ETC-WT62P1 Datasheet
416Kb / 48P
microcontroller for digital controlled monitor with Universal Serial Bus (USB) interface
logo
Maxim Integrated Produc...
MAX8688 MAXIM-MAX8688 Datasheet
407Kb / 38P
Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 1; 12/09
logo
International Rectifier
IR3725 IRF-IR3725 Datasheet
773Kb / 19P
INPUT POWER MONITOR WITH DIGITAL INTERFACE
logo
Maxim Integrated Produc...
MAX8688 MAXIM-MAX8688_11 Datasheet
463Kb / 38P
Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 2; 2/11
logo
International Rectifier
IR3725 IRF-IR3725_11 Datasheet
435Kb / 19P
INPUT POWER MONITOR WITH DIGITAL INTERFACE
logo
Texas Instruments
INA230 TI1-INA230_13 Datasheet
796Kb / 35P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA230 TI1-INA230_17 Datasheet
924Kb / 37P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
logo
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3_18 Datasheet
758Kb / 5P
RTC I C Bus Low Power
RV8523C3 GOLLEDGE-RV8523C3_18 Datasheet
743Kb / 5P
RTC I C bus Low Power
logo
Analog Devices
ADM1293 AD-ADM1293 Datasheet
777Kb / 48P
Digital Power Monitor with PMBus Interface
3/15-Rev. A to Rev. B
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com