Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC145 Datasheet (PDF) - Dynex Semiconductor

DC145 Datasheet PDF - Dynex Semiconductor
Part # DC145
Download  DC145 Download
File Size   213.15 Kbytes
Page   3 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description 145 Centres Bar Clamp

DC145 Datasheet (PDF)

Go To PDF Page Download Datasheet
DC145 Datasheet PDF - Dynex Semiconductor

Part # DC145
Download  DC145 Click to download

File Size   213.15 Kbytes
Page   3 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description 145 Centres Bar Clamp

DC145 Datasheet (HTML) - Dynex Semiconductor


DC145 Product details

DESCRIPTION
Dynex offers a range of standard clamps designed to
accommodate press pack semiconductors with tie rod
centres from 75mm to 210mm and clamping force
from 5kN to 138kN.
The set clamps use Disc Springs to DIN 2092/2093 to
apply the clamping force over a wide temperature
range. The clamps also incorporate pressure
indicators to make installation simple. Isolation is
provided by high quality ceramic insulators and PTFE
sleeving.
Zinc plating with a Yellow Passivated finish is used for
enhanced corrosion protection.
If a clamp you require is not available in our standard
range, Dynex can provide a clamping solution to your
individual needs. Speak to your local sales
representative for details

RDERING INFORMATION
Example Part Number:
DC145/35/200/R




Similar Part No. - DC145

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
DC1411-S PROTOADVANTAGE-DC1411-S Datasheet
53Kb / 2P
Discrete (2 Pin) Stencils
revision 1.0
DC1411-S PROTOADVANTAGE-DC1411-S Datasheet
53Kb / 2P
Discrete (2 Pin) Stencils
revision 1.0
DC1411-S PROTOADVANTAGE-DC1411-S Datasheet
53Kb / 2P
Discrete (2 Pin) Stencils
revision 1.0
DC1411-S PROTOADVANTAGE-DC1411-S Datasheet
53Kb / 2P
Discrete (2 Pin) Stencils
revision 1.0
DC1411-S PROTOADVANTAGE-DC1411-S Datasheet
53Kb / 2P
Discrete (2 Pin) Stencils
revision 1.0
More results


Similar Description - DC145

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GC102R GPSEMI-GC102R Datasheet
289Kb / 4P
BAR CLAMP FOR HOCKEY PUK DEVICES
GC70R GPSEMI-GC70R Datasheet
289Kb / 4P
BAR CLAMP FOR HOCKEY PUK DEVICES
logo
SICK AG
BEF-KHS-KH3 SICK-BEF-KHS-KH3 Datasheet
386Kb / 4P
Universal bar clamp systems
BEF-MS12G-A SICK-BEF-MS12G-A Datasheet
209Kb / 4P
Universal bar clamp systems
BEF-MS12G-B SICK-BEF-MS12G-B Datasheet
209Kb / 4P
Universal bar clamp systems
BEF-MS12L-A SICK-BEF-MS12L-A Datasheet
218Kb / 4P
Universal bar clamp systems
BEF-MS12L-B SICK-BEF-MS12L-B Datasheet
218Kb / 4P
Universal bar clamp systems
BEF-MS12Z-A SICK-BEF-MS12Z-A Datasheet
210Kb / 4P
Universal bar clamp systems
BEF-MS12Z-B SICK-BEF-MS12Z-B Datasheet
210Kb / 4P
Universal bar clamp systems
BEF-RMC-D12 SICK-BEF-RMC-D12 Datasheet
429Kb / 4P
Universal bar clamp systems
More results




About Dynex Semiconductor


Dynex Semiconductor was a British company that specialized in the design and manufacture of high-power semiconductors.
The company was founded in 1967 and was headquartered in Lincoln, England.
Dynex was known for its expertise in high-power semiconductor technology and its ability to deliver custom-designed power devices for various applications such as power conversion, motor control, and renewable energy systems.
In 2015, Dynex was acquired by Infineon Technologies, a leading provider of power and sensor systems.
The Dynex brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com