![]() |
Electronic Components Datasheet Search |
|
CGH40010 Datasheet (PDF) - Cree, Inc |
CGH40010 Datasheet (HTML) - Cree, Inc |
CGH40010 Datasheet (PDF) |
![]() |
Download Datasheet |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
2N6059_03 | SILICON NPN POWER DARLINGTON TRANSISTOR | 1 2 3 4 | STMicroelectronics |
RF3934 | GaN WIDE-BAND POWER AMPLIFIER | 1 2 | RF Micro Devices |
CGH27015F | 15 W 2300-2900 MHz 28V GaN HEMT for WiMAX | 1 2 3 4 5 More | Cree, Inc |
CGH27030F | 30 W 2300-2900 MHz 28V GaN HEMT for WiMAX | 1 2 3 4 5 More | Cree, Inc |
CGH27060F | 60 W 2300-2900 MHz 28V GaN HEMT for WiMAX | 1 2 3 4 5 More | Cree, Inc |
CGH35015F | 15 W 3300-3900 MHz 28V GaN HEMT for WiMAX | 1 2 3 4 5 More | Cree, Inc |
CGH35030F | 30 W 3300-3900 MHz 28V GaN HEMT for WiMAX | 1 2 3 4 5 More | Cree, Inc |
MRF7S19100NR1 | RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
IRHM57Z60 | RADIATION HARDENED POWER MOSFET THRU-HOLE TO-254AA | 1 2 3 4 5 More | International Rectifier |
LP6100P200-05 | HeNe Laser Power Supply | 1 2 | Voltage Multipliers Inc. |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |