Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3JFS Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

S3JFS Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # S3JFS
Download  S3JFS Download
File Size   233.68 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 3A, 600V Standard Surface Mount Rectifier

S3JFS Datasheet (PDF)

Go To PDF Page Download Datasheet
S3JFS Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # S3JFS
Download  S3JFS Click to download

File Size   233.68 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 3A, 600V Standard Surface Mount Rectifier

S3JFS Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


S3JFS Product details

FEATURES
● Glass passivated chip junction
● Ideal for automated placement
● Low profile package
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen Free

APPLICATIONS
● DC to DC converter
● Switching mode converters and inverters
● General purpose

MECHANICAL DATA
● Case: SOD-128
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: Indicated by cathode band
● Weight: 0.027g (approximately)




Similar Part No. - S3JFS

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
S3JF CHENDA-S3JF Datasheet
639Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
S3JF YFWDIODE-S3JF Datasheet
125Kb / 3P
Surface MountGeneral Purpose Silicon Rectifiers
logo
Xian Semipower Electron...
S3JF SEMIPOWER-S3JF Datasheet
120Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
logo
DONGGUAN YOU FENG WEI E...
S3JF YFWDIODE-S3JF Datasheet
417Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
logo
Zibo Seno Electronic En...
S3JF ZSELEC-S3JF Datasheet
112Kb / 2P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results


Similar Description - S3JFS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
S3N FAIRCHILD-S3N Datasheet
205Kb / 4P
3A, 1200V Surface Mount Rectifier
logo
YENYO TECHNOLOGY Co., L...
S3AB YENYO-S3AB Datasheet
673Kb / 2P
Surface Mount Standard Rectifier
logo
Taiwan Semiconductor Co...
ES3AB TSC-ES3AB Datasheet
337Kb / 8P
3A, 50V - 600V Surface Mount Super Fast Rectifier
S3Q TSC-S3Q Datasheet
381Kb / 5P
3A, 1200V Surface Mount Rectifier
S3DB-K TSC-S3DB-K Datasheet
434Kb / 5P
3A, 200V - 1000V Standard Surface Mount Rectifier
logo
T&S Brass. All Rights R...
S1GMH TS-S1GMH Datasheet
567Kb / 6P
1A, 400V - 600V Standard Surface Mount Rectifier
logo
Taiwan Semiconductor Co...
S1GMH TSC-S1GMH Datasheet
567Kb / 6P
1A, 400V - 600V Standard Surface Mount Rectifier
MUR340SBH TSC-MUR340SBH Datasheet
410Kb / 5P
3A, 400V - 600V High Efficient Surface Mount Rectifier
MUR340SB TSC-MUR340SB Datasheet
414Kb / 5P
3A, 400V - 600V High Efficient Surface Mount Rectifier
MUR305SH TSC-MUR305SH Datasheet
456Kb / 6P
3A, 50V - 600V Ultra Fast Surface Mount Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com