Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

395-059-541-101 Datasheet (PDF) - EDAC, All Rights Reserved.

395-059-541-101 Datasheet PDF - EDAC, All Rights Reserved.
Part # 395-059-541-101
Download  395-059-541-101 Download
File Size   93.75 Kbytes
Page   2 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 395 Series,Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height

395-059-541-101 Datasheet (PDF)

Go To PDF Page Download Datasheet
395-059-541-101 Datasheet PDF - EDAC, All Rights Reserved.

Part # 395-059-541-101
Download  395-059-541-101 Click to download

File Size   93.75 Kbytes
Page   2 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 395 Series,Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height

395-059-541-101 Datasheet (HTML) - EDAC, All Rights Reserved.


395-059-541-101 Product details

Features


  • .100" (2.54mm) Contact Spacing x .200" (5.08mm) Row Spacing

  • Accepts .062" (1.57mm) Nominal Thickness P.C. Board

  • High Profile Insulator Body, .600" (15.24mm)

  • Contact Termination Options include P.C. Tail, Wire Wrap, 90 Degree Bends and Extender Board Bends

  • Single or Dual Row Configurations

  • Large Variety of Mounting Options, Flush or Offset Lugs

  • Accepts between Contact and In-Contact Polarizing Keys

  • Pre-assembled Card Guides are available

  • Automatic Wire Wrap Positioning Holes

  • RoHS Compliant & UL Certified




Similar Part No. - 395-059-541-101

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
395-059-541-101 EDAC-395-059-541-101 Datasheet
277Kb / 3P
395 Series Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
More results


Similar Description - 395-059-541-101

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
345-SERIES EDAC-345-SERIES Datasheet
277Kb / 3P
345 Series Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
395-ISA-SERIES EDAC-395-ISA-SERIES Datasheet
240Kb / 2P
395-ISA Series Card Edge Connector | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | ISA Standards | 0.600" (15.24mm) Insulator Height
395-SERIES EDAC-395-SERIES Datasheet
277Kb / 3P
395 Series Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
387-016-558-107 EDAC-387-016-558-107 Datasheet
143Kb / 3P
387 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
387-016-558-204 EDAC-387-016-558-204 Datasheet
142Kb / 3P
387 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
387-016-558-207 EDAC-387-016-558-207 Datasheet
142Kb / 3P
387 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
387-016-558-212 EDAC-387-016-558-212 Datasheet
142Kb / 3P
387 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
387-016-558-258 EDAC-387-016-558-258 Datasheet
143Kb / 3P
387 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
387-016-558-602 EDAC-387-016-558-602 Datasheet
143Kb / 3P
387 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
387-016-558-603 EDAC-387-016-558-603 Datasheet
145Kb / 3P
387 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com