Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IF170B Datasheet (PDF) - InterFET Corporation

IF170B Datasheet PDF - InterFET Corporation
Part # IF170B
Download  IF170B Download
File Size   660.66 Kbytes
Page   8 Pages
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation
Description N-Channel JFET

IF170B Datasheet (PDF)

Go To PDF Page Download Datasheet
IF170B Datasheet PDF - InterFET Corporation

Part # IF170B
Download  IF170B Click to download

File Size   660.66 Kbytes
Page   8 Pages
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation
Description N-Channel JFET

IF170B Datasheet (HTML) - InterFET Corporation


IF170B Product details

Features
• InterFET N0132L Geometry
• Low noise: 1.0 nV/√Hz typical
• High gain: 22mS typical
• Low gate leakage: 750fA typical @10V
• High radiation tolerance
• RoHS, REACH, CMR compliant
• Custom test and binning options available
• SMT, TH, and bare die package options
• Edge case SPICE modeling: InterFET SPICE

Industry Standard Crosses
• 2SK152, 2SK170, 2N6451, 2N6452, 2N3972, MMBF4393
• NSVJ3557SA3, NSVJ5908DSG5, NSVJ2394SA3

InterFET Similar Parts
• IF1320, IFN152, SMP6451, SMP6452, SMP3972, SMP4393

InterFET Dual Parts
• IF389A, IF389B, IF389C, IF389D, IFN146, IF1322A

Applications
• General: Amplifiers; Switches; Voltage regulators;
Oscillators; Signal mixers; Noise generators
• Military/Aero: Radar; Communications; Satellites;
Missiles guidance; Hydrophone preamplifiers.
• Medical: Medical imaging systems; Medical monitors and recorders; Ultrasound equipment
• Audio: Tone control circuits; Headphone amplifiers; Audio filters; Electret Microphone

Description
The -30V InterFET IF170x JFET is targeted for sensitive amplifier stages for mid-frequencies designs. Higher
breakdown voltage parts are available through InterFET custom ordering. IF389x is the dual matched option.




Similar Part No. - IF170B

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
IF170A INTERFET-IF170A Datasheet
660Kb / 8P
N-Channel JFET
April 2024
IF170C INTERFET-IF170C Datasheet
660Kb / 8P
N-Channel JFET
April 2024
IF170D INTERFET-IF170D Datasheet
660Kb / 8P
N-Channel JFET
April 2024
More results


Similar Description - IF170B

ManufacturerPart #DatasheetDescription
logo
Micross Components
J210_TO-92 MICROSS-J210_TO-92 Datasheet
278Kb / 1P
N-CHANNEL JFET
J212_TO-92 MICROSS-J212_TO-92 Datasheet
277Kb / 1P
N-CHANNEL JFET
LS5906_SOT-23 MICROSS-LS5906_SOT-23 Datasheet
280Kb / 1P
N-CHANNEL JFET
LS5907_TO-71 MICROSS-LS5907_TO-71 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5908_TO-78 MICROSS-LS5908_TO-78 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5909_PDIP MICROSS-LS5909_PDIP Datasheet
282Kb / 1P
N-CHANNEL JFET
LS5909_TO-78 MICROSS-LS5909_TO-78 Datasheet
291Kb / 1P
N-CHANNEL JFET
LS5912_SOT-23 MICROSS-LS5912_SOT-23 Datasheet
275Kb / 1P
N-CHANNEL JFET
LS5912C_TO-71 MICROSS-LS5912C_TO-71 Datasheet
281Kb / 1P
N-CHANNEL JFET
LSJ108_SOT-23 MICROSS-LSJ108_SOT-23 Datasheet
289Kb / 1P
N-CHANNEL JFET
More results




About InterFET Corporation


InterFET Corporation is a semiconductor company that specializes in the design and manufacture of high-performance, precision, and low-noise analog transistors. They offer a wide range of products including JFETs (Junction Field-Effect Transistors), MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors), and other specialized transistors.

InterFET serves a variety of industries, including aerospace, medical, military, and telecommunications. Their transistors are used in a variety of applications such as signal amplification, filtering, voltage regulation, and precision measurement.

The company was founded in 1981 and is headquartered in California, USA. They have a strong commitment to research and development, and are dedicated to providing high-quality and reliable products to their customers. In addition to their standard products, InterFET also provides customized solutions to meet specific customer requirements.

Overall, InterFET is a trusted and reliable supplier of high-performance analog transistors, with a strong reputation for quality and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com