Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMZA65R007M2H Datasheet (PDF) - Infineon Technologies AG

IMZA65R007M2H Datasheet PDF - Infineon Technologies AG
Part # IMZA65R007M2H
Download  IMZA65R007M2H Download
File Size   1507.64 Kbytes
Page   16 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description CoolSiCª MOSFET 650 V G2

IMZA65R007M2H Datasheet (PDF)

Go To PDF Page Download Datasheet
IMZA65R007M2H Datasheet PDF - Infineon Technologies AG

Part # IMZA65R007M2H
Download  IMZA65R007M2H Click to download

File Size   1507.64 Kbytes
Page   16 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description CoolSiCª MOSFET 650 V G2

IMZA65R007M2H Datasheet (HTML) - Infineon Technologies AG


IMZA65R007M2H Product details

Features
• Ultra-low switching losses
• Benchmark gate threshold voltage, VGS(th) = 4.5 V
• Robust against parasitic turn-on even with 0 V turn-off gate voltage
• Flexible driving voltage and compatible with bipolar driving scheme
• Robust body diode operation under hard commutation events
• .XT interconnection technology for best-in-class thermal performance

Benefits
• Enables high efficiency and high power density designs
• Facilitates great ease of use and integration
• Provides the best price performance ratio compared to Industry’s most
ambitious roadmaps
• Reduces the size, weight and bill of materials of the systems
• Enhances system robustness and reliability




Similar Part No. - IMZA65R007M2H

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IMZA65R010M2H INFINEON-IMZA65R010M2H Datasheet
1Mb / 17P
SiC MOSFET CoolSiC™ MOSFET 650 V G2
Revision 2.0 2024-09-24
IMZA65R015M2H INFINEON-IMZA65R015M2H Datasheet
1Mb / 16P
MOSFET CoolSiCª MOSFET 650 V G2
Rev. 2.2, 2024-03-05
IMZA65R020M2H INFINEON-IMZA65R020M2H Datasheet
1Mb / 16P
MOSFET CoolSiCª MOSFET 650 V G2
Rev. 2.2, 2024-03-05
IMZA65R026M2H INFINEON-IMZA65R026M2H Datasheet
1Mb / 17P
SiC MOSFET CoolSiC™ MOSFET 650 V G2
Revision 2.0 2024-09-24
IMZA65R027M1H INFINEON-IMZA65R027M1H Datasheet
1Mb / 15P
650 V CoolSiC짧 M1 SiC Trench Power Device
Rev.2.0,2019-12-16
More results


Similar Description - IMZA65R007M2H

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IMT65R022M1H INFINEON-IMT65R022M1H Datasheet
1Mb / 15P
MOSFET 650 V CoolSiCª M1 SiC Trench Power Device
Rev. 2.0, 2023-03-08
IMT65R030M1H INFINEON-IMT65R030M1H Datasheet
1Mb / 15P
MOSFET 650 V CoolSiCª M1 SiC Trench Power Device
Rev. 2.0, 2023-03-08
IMT65R039M1H INFINEON-IMT65R039M1H Datasheet
1Mb / 15P
MOSFET 650 V CoolSiCª M1 SiC Trench Power Device
Rev. 2.1, 2023-02-24
IMT65R048M1H INFINEON-IMT65R048M1H Datasheet
1Mb / 15P
MOSFET 650 V CoolSiCª M1 SiC Trench Power Device
Rev. 2.0, 2023-03-08
IMT65R057M1H INFINEON-IMT65R057M1H Datasheet
1Mb / 15P
MOSFET 650 V CoolSiCª M1 SiC Trench Power Device
Rev. 2.1, 2023-02-24
IMT65R072M1H INFINEON-IMT65R072M1H Datasheet
1Mb / 15P
MOSFET 650 V CoolSiCª M1 SiC Trench Power Device
Rev. 2.0, 2023-03-08
IMT65R083M1H INFINEON-IMT65R083M1H Datasheet
1Mb / 15P
MOSFET 650 V CoolSiCª M1 SiC Trench Power Device
Rev. 2.0, 2023-03-08
IMT65R107M1H INFINEON-IMT65R107M1H Datasheet
1Mb / 15P
MOSFET 650 V CoolSiCª M1 SiC Trench Power Device
Rev. 2.0, 2023-03-08
IMT65R163M1H INFINEON-IMT65R163M1H Datasheet
1Mb / 15P
MOSFET 650 V CoolSiCª M1 SiC Trench Power Device
Rev. 2.0, 2023-03-08
IMT65R260M1H INFINEON-IMT65R260M1H Datasheet
1Mb / 15P
MOSFET 650 V CoolSiCª M1 SiC Trench Power Device
Rev. 2.0, 2023-03-08
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com