Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA1554 Datasheet (PDF) - NXP Semiconductors

TDA1554 Datasheet PDF - NXP Semiconductors
Part # TDA1554
Download  TDA1554 Download
File Size   96.44 Kbytes
Page   11 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 4 x 11 W single-ended or 2 x 22 W power amplifier

TDA1554 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA1554 Datasheet PDF - NXP Semiconductors

Part # TDA1554
Download  TDA1554 Click to download

File Size   96.44 Kbytes
Page   11 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 4 x 11 W single-ended or 2 x 22 W power amplifier

TDA1554 Datasheet (HTML) - NXP Semiconductors


TDA1554 Product details

GENERAL DESCRIPTION

The TDA1554Q is an integrated class-B output amplifier in a 17-lead single-in-line (SIL) plastic power package. The circuit contains 4 x 11 W single-ended or 2 x 22 W bridge amplifiers. The device is primarily developed for car radio applications.



Features

• Requires very few external components

• Flexibility in use−Quad single-ended or stereo BTL

• High output power

• Low offset voltage at outputs (important for BTL)

• Fixed gain

• Good ripple rejection

• Mute/stand-by switch

• Load dump protection

• AC and DC short-circuit-safe to ground and VP

• Thermally protected

• Reverse polarity safe

• Capability to handle high energy on outputs (VP= 0 V)

• Protected against electrostatic discharge

• No switch-on/switch-off plop

• Low thermal resistance

• Identical inputs (inverting and non-inverting)

• Flexible leads.




Similar Part No. - TDA1554

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1554Q NXP-TDA1554Q Datasheet
97Kb / 11P
4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
More results


Similar Description - TDA1554

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1517ATW PHILIPS-TDA1517ATW Datasheet
132Kb / 20P
8 W BTL or 2 x 4 W SE power amplifier
2001 Apr 17
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA1555Q PHILIPS-TDA1555Q Datasheet
112Kb / 11P
4 x 11 W single-ended or 2 x 22 W power amplifier with distortion detector
May 1992
TDA1558Q PHILIPS-TDA1558Q Datasheet
100Kb / 11P
2 x 22 W or 4 x 11 W single-ended car radio power amplifier
May 1992
TDA8511J PHILIPS-TDA8511J Datasheet
80Kb / 16P
4 x 13 W single-ended power amplifiers
2000 Mar 10
TDA8512J PHILIPS-TDA8512J Datasheet
165Kb / 24P
26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
2001 Nov 16
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA1554Q NXP-TDA1554Q Datasheet
97Kb / 11P
4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1519CJ NXP-TDA1519CJ Datasheet
1Mb / 22P
22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com