Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

391-059-524-102 Datasheet (PDF) - EDAC, All Rights Reserved.

391-059-524-102 Datasheet PDF - EDAC, All Rights Reserved.
Part # 391-059-524-102
Download  391-059-524-102 Download
File Size   163.17 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 391 Series,Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height

391-059-524-102 Datasheet (PDF)

Go To PDF Page Download Datasheet
391-059-524-102 Datasheet PDF - EDAC, All Rights Reserved.

Part # 391-059-524-102
Download  391-059-524-102 Click to download

File Size   163.17 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 391 Series,Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height

391-059-524-102 Datasheet (HTML) - EDAC, All Rights Reserved.


391-059-524-102 Product details

Features


  • .100" (2.54mm) Contact Spacing x .140" (3.56mm) Row Spacing

  • Accepts .062" (1.57mm) Nominal Thickness P.C. Board

  • Low Profile Insulator Body, .437" (11.10mm)

  • Contact Termination Options include P.C. Tail, Wire Hole and Extender Board Bends

  • Single or Dual Row Configurations

  • Variety of Mounting Options

  • Accepts between Contact and In-Contact Polarizing Keys

  • RoHS Compliant & UL Certified




Similar Part No. - 391-059-524-102

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
391-059-524-102 EDAC-391-059-524-102 Datasheet
532Kb / 3P
391 Series Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
More results


Similar Description - 391-059-524-102

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
341-240-318 EDAC-341-240-318 Datasheet
105Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
391-SERIES EDAC-391-SERIES Datasheet
532Kb / 3P
391 Series Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
341-005-500-103 EDAC-341-005-500-103 Datasheet
139Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
341-005-520-107 EDAC-341-005-520-107 Datasheet
136Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
341-005-521-103 EDAC-341-005-521-103 Datasheet
139Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
341-005-522-102 EDAC-341-005-522-102 Datasheet
135Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
341-005-524-107 EDAC-341-005-524-107 Datasheet
136Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
341-006-500-103 EDAC-341-006-500-103 Datasheet
140Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
341-006-500-107 EDAC-341-006-500-107 Datasheet
137Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
341-006-500-108 EDAC-341-006-500-108 Datasheet
138Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com