Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT25P03 Datasheet (PDF) - Unisonic Technologies

UT25P03 Datasheet PDF - Unisonic Technologies
Part # UT25P03
Download  UT25P03 Download
File Size   694.96 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 25A, -30V P-CHANNEL POWER

UT25P03 Datasheet (PDF)

Go To PDF Page Download Datasheet
UT25P03 Datasheet PDF - Unisonic Technologies

Part # UT25P03
Download  UT25P03 Click to download

File Size   694.96 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 25A, -30V P-CHANNEL POWER

UT25P03 Datasheet (HTML) - Unisonic Technologies


UT25P03 Product details

 DESCRIPTION
The UTC UT25P03 The UTC UT25P02L is a P-channel power
MOSFET using UTC’s advanced technology.
The advanced MOSFET technology has been especially
tailored to reduce on-state resistance, and to provide superior
switching performance and high avalanche energy strength.

 FEATURES
* RDS(ON) ≤ 52 mΩ @ VGS=-10V, ID =-10A
RDS(ON) ≤ 90 mΩ @ VGS=-4.5V, ID =-10A
* Low Capacitance
* Optimized gate charge
* Fast switching capability
* Avalanche energy specified




Similar Part No. - UT25P03

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
UT250 ROSENBERGER-UT250 Datasheet
237Kb / 2P
7/16 Straight Plug
logo
Microsemi Corporation
UT251 MICROSEMI-UT251 Datasheet
136Kb / 3P
RECTIFIERS
logo
Digitron Semiconductors
UT251 DIGITRON-UT251 Datasheet
179Kb / 4P
RECTIFIERS 1 Amp to 2 Amp
logo
New Jersey Semi-Conduct...
UT251 NJSEMI-UT251 Datasheet
103Kb / 2P
RECTIFIERS
logo
Microsemi Corporation
UT252 MICROSEMI-UT252 Datasheet
136Kb / 3P
RECTIFIERS
More results


Similar Description - UT25P03

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT70P03 UTC-UT70P03 Datasheet
297Kb / 5P
75A, 30V P-CHANNEL POWER MOSFET
UT4435 UTC-UT4435 Datasheet
184Kb / 5P
30V P-CHANNEL POWER MOSFET
UTT25P10 UTC-UTT25P10 Datasheet
152Kb / 3P
25A, 100V P-CHANNEL POWER MOSFET
UTT60P03 UTC-UTT60P03 Datasheet
168Kb / 5P
-60A, -30V, P-CHANNEL POWER MOSFETS
UTT75P03 UTC-UTT75P03 Datasheet
136Kb / 3P
75A, 30V P-CHANNEL POWER MOSFET
UTT100P03 UTC-UTT100P03 Datasheet
131Kb / 3P
100A, 30V P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM180P03CS TSC-TSM180P03CS Datasheet
280Kb / 5P
30V P-Channel Power MOSFET
TSM600P03CS TSC-TSM600P03CS Datasheet
275Kb / 5P
30V P-Channel Power MOSFET
TSM650P03CX TSC-TSM650P03CX Datasheet
500Kb / 5P
30V P-Channel Power MOSFET
logo
Leshan Radio Company
LP3419DT2AG LRC-LP3419DT2AG Datasheet
142Kb / 3P
30V P-Channel Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com