Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

29EE512 Datasheet (PDF) - Silicon Storage Technology, Inc

29EE512 Datasheet PDF - Silicon Storage Technology, Inc
Part # 29EE512
Download  29EE512 Download
File Size   423.31 Kbytes
Page   26 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 512 Kbit (64K x8) Page-Write EEPROM

29EE512 Datasheet (PDF)

Go To PDF Page Download Datasheet
29EE512 Datasheet PDF - Silicon Storage Technology, Inc

Part # 29EE512
Download  29EE512 Click to download

File Size   423.31 Kbytes
Page   26 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 512 Kbit (64K x8) Page-Write EEPROM

29EE512 Datasheet (HTML) - Silicon Storage Technology, Inc


29EE512 Product details

PRODUCT DESCRIPTION
The SST29EE/LE/VE512 are 64K x8 CMOS, Page-Write EEPROMs manufactured with SST’s proprietary, high performance CMOS SuperFlash technology. The splitgate cell design and thick oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches. The SST29EE/LE/VE512 write with a single power supply. Internal Erase/Program is transparent to the user. The SST29EE/LE/VE512 conform to JEDEC standard pinouts for byte-wide memories.

FEATURES:
• Single Voltage Read and Write Operations
    – 5.0V-only for SST29EE512
    – 3.0-3.6V for SST29LE512
    – 2.7-3.6V for SST29VE512
• Superior Reliability
    – Endurance: 100,000 Cycles (typical)
    – Greater than 100 years Data Retention
• Low Power Consumption
    – Active Current: 20 mA (typical) for 5V and 10 mA (typical) for 3.0/2.7V
    – Standby Current: 10 µA (typical)
• Fast Page-Write Operation
    – 128 Bytes per Page, 512 Pages
    – Page-Write Cycle: 5 ms (typical)
    – Complete Memory Rewrite: 2.5 sec (typical)
    – Effective Byte-Write Cycle Time: 39 µs (typical)
• Fast Read Access Time
    – 5.0V-only operation: 70 and 90 ns
    – 3.0-3.6V operation: 150 and 200 ns
    – 2.7-3.6V operation: 200 and 250 ns
• Latched Address and Data
• Automatic Write Timing
    – Internal VPP Generation
• End of Write Detection
    – Toggle Bit
    – Data# Polling
• Hardware and Software Data Protection
• Product Identification can be accessed via Software Operation
• TTL I/O Compatibility
• JEDEC Standard
    – Flash EEPROM Pinouts and command sets
• Packages Available
    – 32-lead PLCC
    – 32-lead TSOP (8mm x 14mm, 8mm x 20mm)
    – 32-pin PDIP




Similar Part No. - 29EE512

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
29EE010 SST-29EE010 Datasheet
267Kb / 26P
1 Megabit (128K x8) Page-Mode EEPROM
More results


Similar Description - 29EE512

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28C16A STMICROELECTRONICS-M28C16A Datasheet
134Kb / 19P
16 Kbit 2Kb x8 Parallel EEPROM
Aug-1998
M27W512-100K6 STMICROELECTRONICS-M27W512-100K6 Datasheet
369Kb / 21P
512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
08-Nov-2004
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
512 Kbit (64K x8) UV EPROM and OTP EPROM
08-Nov-2004
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
512 Kbit (64K x8) UV EPROM and OTP EPROM
18-May-2007
logo
Silicon Storage Technol...
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
512 Kbit (64K x8) Page-Write EEPROM
SST29EE010 SST-SST29EE010_05 Datasheet
458Kb / 30P
1 Mbit (128K x8) Page-Write EEPROM
logo
STMicroelectronics
M27W512 STMICROELECTRONICS-M27W512_08 Datasheet
187Kb / 22P
512 Kbit (64 Kbit x8) low-voltage OTP EPROM
09-Jun-2008
logo
ON Semiconductor
CAT24C512 ONSEMI-CAT24C512 Datasheet
179Kb / 15P
512 kb I2C CMOS Serial EEPROM 128?묪yte Page Write Buffer
May, 2011 ??Rev. 1
logo
Greenliant systems
GLS29EE512 GREENLIANT-GLS29EE512 Datasheet
871Kb / 23P
512 Kbit (64K x8) Page-Write EEPROM
GLS29EE010 GREENLIANT-GLS29EE010 Datasheet
1,023Kb / 28P
1 Mbit (128K x8) Page-Write EEPROM
More results




About Silicon Storage Technology, Inc


Silicon Storage Technology, Inc. (SST) was an American technology company that specialized in the design and manufacture of non-volatile memory solutions, including flash memory and microcontrollers.
The company was founded in 1991 and had its headquarters in Sunnyvale, California.
SST was known for its innovative technology and high-quality products, and it had a strong reputation in the memory and storage industry.
In 2010, SST was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
Today, SST operates as a subsidiary of Microchip and continues to provide non-volatile memory solutions for a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com