Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPT4001-Q1 Datasheet (PDF) - Texas Instruments

OPT4001-Q1 Datasheet PDF - Texas Instruments
Part # OPT4001-Q1_V02
Download  OPT4001-Q1 Download
File Size   2184.97 Kbytes
Page   58 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description OPT4001-Q1 Automotive High-Speed, High-Precision, Digital Ambient Light Sensor

OPT4001-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPT4001-Q1 Datasheet PDF - Texas Instruments

Part # OPT4001-Q1_V02
Download  OPT4001-Q1 Click to download

File Size   2184.97 Kbytes
Page   58 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description OPT4001-Q1 Automotive High-Speed, High-Precision, Digital Ambient Light Sensor

OPT4001-Q1 Datasheet (HTML) - Texas Instruments


OPT4001-Q1 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1 (PicoStar™ variant): –
40°C to 125°C, TA
– Temperature grade 2 (USON variant): –40°C to
105°C, TA
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• High-precision, high-speed light-to-digital
conversion over high-speed I2C interface
• Precision optical filtering closely matches human
eye with excellent near infrared (NIR) rejection
• Semi-logarithmic output:
– Nine binary logarithmic full-scale light range
– Highly linear response within each range
• Built-in automatic full-scale light range selection
logic, which switches measurement range based
on input light condition for best possible resolution
at all times
• 28 bits of effective dynamic range:
– 312.5μlux to 83klux for PicoStar™ package
variant
– 400μlux to 107klux for USON package variant
• 12 configurable conversion times:
– 600μs to 800ms for high-speed and highprecision
applications
• External pin interrupt for hardware-synchronized
trigger and interrupts (only on USON package
variant)
• Error correction code features for improved
reliability in automotive use cases
• Internal FIFO for output registers with I2C burst
readout
• Low operating current: 30μA
• Ultra-low power standby: 2μA
• Wide power-supply range: 1.6V to 3.6V
• 5.5V tolerant I/O pins
• Selectable I2C address
• Small-form factor:
– PicoStar™: 0.84mm x 1.05mm x 0.226mm
– USON: 2mm x 2mm x 0.65mm

2 Applications
• Automotive interior and exterior lighting
• Infotainment and clusters
• Electrochromatic and smart mirrors
• Wiper modules
• Head-up display systems
• Automotive camera systems

3 Description
The OPT4001-Q1 is a light-to-digital sensor (single-chip lux meter) that measures the intensity of visible light.
To measure accurate light intensity, a specially engineered filter on the device tightly matches the photopic
response of the human eye and rejects the near-infrared component from common light sources. The output of
the OPT4001-Q1 is semi-logarithmic with nine binary logarithmic full-scale light ranges along with a highly linear
response within each range, bringing capability to measure from 312.5μlux to 83klux for the PicoStar™ variant
and 400μlux to 107klux for the USON variant. This capability allows the light sensor to have a 28-bit effective
dynamic range. The built-in automatic range-selection logic dynamically adjusts the device gain settings based
on the light level, providing the best possible resolution in all conditions without user input.
The engineered optical filter on the OPT4001-Q1 provides strong near infrared (NIR) rejection. This filter aids in
maintaining high accuracy when the sensor is placed under dark glass for aesthetic reasons.
The OPT4001-Q1 is designed for systems that require light level detection to enhance user experience
and typically replaces low-accuracy photodiodes, photoresistors, and other ambient light sensors with
underwhelming human eye matching and near-infrared rejection.
The OPT4001-Q1 can be configured to operate with light conversion times from 600μs to 800ms in 12 steps,
providing system flexibility based on application need. Conversion time includes the light integration time
and analog-to-digital (ADC) conversion time. Measurement resolution is determined by a combination of light
intensity and integration time, effectively providing the capability to measure down to 312.5μlux of light intensity
changes for the PicoStar™ variant and 400μlux of light intensity changes for the USON variant.
Digital operation is flexible for system integration. Measurements can be either continuous or triggered in one
shot with register writes or a hardware pin (hardware pin only available on USON variant). The device features a
threshold detection logic, which allows the processor to sleep while the sensor waits for an appropriate wake-up
event to report through the interrupt pin (only on USON variant).
The sensor reports a digital output representing the light level over an I2C- and SMBus-compatible, two-wire
serial interface. An internal first-in-first-out (FIFO) on the output registers is available to read out measurements
from the sensor at a slower pace while still preserving all data captured by the device. The OPT4001-Q1 also
supports I2C burst mode, thus helping the host read data from the FIFO with minimal I2C overhead.
The low power consumption and low power-supply voltage capability of the OPT4001-Q1 helps enhance the
battery life of battery-powered systems.




Similar Part No. - OPT4001-Q1_V02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT4001-Q1 TI1-OPT4001-Q1_V01 Datasheet
1Mb / 47P
OPT4001-Q1 Automotive High-Speed, High-Precision, Digital Ambient Light Sensor
REVISED JULY 2023
OPT4001-Q1 TI1-OPT4001-Q1_V03 Datasheet
2Mb / 62P
OPT4001-Q1 Automotive High-Speed, High-Precision, Digital Ambient Light Sensor
DECEMBER 2024
More results


Similar Description - OPT4001-Q1_V02

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL4531 TAOS-TSL4531 Datasheet
164Kb / 16P
DIGITAL AMBIENT LIGHT SENSOR
logo
Sanyo Semicon Device
LV0104CS SANYO-LV0104CS Datasheet
231Kb / 8P
Digital Ambient Light Sensor
logo
ams AG
TSL4531 AMSCO-TSL4531 Datasheet
655Kb / 17P
DIGITAL AMBIENT LIGHT SENSOR
logo
ON Semiconductor
NOA1312 ONSEMI-NOA1312 Datasheet
200Kb / 16P
High-Precision Ambient Light Sensor
November, 2011 ??Rev. P0
logo
Texas Instruments
OPT4001 TI-OPT4001 Datasheet
1Mb / 38P
OPT4001 High Speed, High Precision, Digital Ambient Light Sensor
DECEMBER 2021
OPT4001 TI-OPT4001_V01 Datasheet
1Mb / 42P
OPT4001 High Speed, High Precision, Digital Ambient Light Sensor
DECEMBER 2021
OPT4001 TI-OPT4001_V02 Datasheet
2Mb / 54P
OPT4001 High Speed, High Precision, Digital Ambient Light Sensor
REVISED DECEMBER 2022
OPT4001-Q1 TI-OPT4001-Q1 Datasheet
2Mb / 50P
OPT4001-Q1 Automotive High-Speed, High-Precision, Digital Ambient Light Sensor
MAY 2023
OPT4001-Q1 TI1-OPT4001-Q1_V01 Datasheet
1Mb / 47P
OPT4001-Q1 Automotive High-Speed, High-Precision, Digital Ambient Light Sensor
REVISED JULY 2023
OPT4003-Q1 TI1-OPT4003-Q1 Datasheet
1Mb / 45P
OPT4003-Q1 Automotive High-Speed, High-Precision, Digital Ambient Light Sensor
AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com