Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA832 Datasheet (PDF) - Infinite Electronics International, Inc.

CA832 Datasheet PDF - Infinite Electronics International, Inc.
Part # CA832
Download  CA832 Download
File Size   323.54 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Designed to assess sound ambiences or nuisances in accordance with international safety and quality standards

CA832 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA832 Datasheet PDF - Infinite Electronics International, Inc.

Part # CA832
Download  CA832 Click to download

File Size   323.54 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Designed to assess sound ambiences or nuisances in accordance with international safety and quality standards

CA832 Datasheet (HTML) - Infinite Electronics International, Inc.


CA832 Product details

FEATURES
• Easy one-hand operation
• Measures sound according to the
sensitivity of the human ear
• Max function
• Three measurement ranges from
35 to 130dB
• Accuracy ±1.5dB (ref. 94dB@1kHz)
• Two time weighting curves:
S (slow) - 550ms and F (fast) - 55ms
• Two frequency weighting curves:
A and C
• Auxiliary output for recording
• Tripod mountable
• 2000-count backlit LCD
• Lightweight and compact
• Includes rugged, shockproof,
protective and dirt resistant
gray holster

APPLICATIONS
• Factories
• Schools and Libraries
• Airports
• Office environments and Studios
• Auditoriums
• Hospitals




Similar Part No. - CA832

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CA83 MACOM-CA83 Datasheet
354Kb / 2P
Cascadable Amplifier 10 to 500 MHz
CA83-1 MACOM-CA83-1 Datasheet
377Kb / 2P
Cascadable Amplifier 20 to 250 MHz
logo
M/A-COM Technology Solu...
CA83-1 MA-COM-CA83-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 250 MHz
CA83-1 MA-COM-CA83-1 Datasheet
639Kb / 3P
Cascadable Amplifier
More results


Similar Description - CA832

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61510AFP RENESAS-M61510AFP Datasheet
681Kb / 23P
Sound Controller for Quality/Sound Field Control, with Built-in Surround Sound
logo
List of Unclassifed Man...
A41-25-10 ETC-A41-25-10 Datasheet
408Kb / 2P
International Standards at Lower Cost and Better Performance
logo
Littelfuse
216.050P LITTELFUSE-216.050P Datasheet
218Kb / 2P
Designed to International Standards for use globally
logo
Tyco Electronics
T75S1D112-05 MACOM-T75S1D112-05 Datasheet
89Kb / 2P
Sensitive, Low Profile, Hi-Current Relay Designed to Meet International Standards
T77S1D10-24 MACOM-T77S1D10-24 Datasheet
89Kb / 2P
Sensitive, Low Profile, Hi-Current Relay Designed to Meet International Standards
logo
Panasonic Semiconductor
ECQ-U2A222ML PANASONIC-ECQ-U2A222ML Datasheet
137Kb / 2P
In accordance with UL/CSA and European safety regulation class X2 or class Y2/X2
logo
Omron Electronics LLC
G3H203SLNDC24 OMRON-G3H203SLNDC24 Datasheet
372Kb / 6P
New Models with International Standards
logo
ATMEL Corporation
AT7908E ATMEL-AT7908E_14 Datasheet
751Kb / 50P
Designed in Accordance with CAN Specification 2.0B
logo
TE Connectivity Ltd
W28 TEC-W28 Datasheet
426Kb / 2P
Approved to many international standards
logo
STMicroelectronics
STEVAL-ISA015V2 STMICROELECTRONICS-STEVAL-ISA015V2 Datasheet
93Kb / 4P
Safety compliant in accordance with EN60950
29-Nov-2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com