Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AX502 Datasheet (PDF) - Infinite Electronics International, Inc.

AX502 Datasheet PDF - Infinite Electronics International, Inc.
Part # AX502
Download  AX502 Download
File Size   390.4 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Digital DC linear power supplies designed to meet the rigors of manufacturing, laboratory and education applications

AX502 Datasheet (PDF)

Go To PDF Page Download Datasheet
AX502 Datasheet PDF - Infinite Electronics International, Inc.

Part # AX502
Download  AX502 Click to download

File Size   390.4 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Digital DC linear power supplies designed to meet the rigors of manufacturing, laboratory and education applications

AX502 Datasheet (HTML) - Infinite Electronics International, Inc.


AX502 Product details

FEATURES
• Single and dual 0 to 30Vdc/0 to
2.5A outputs
• 5.5V/5A output (Model AX503)
• Series and parallel operation
permit 0 to 60V or 0 to 5A output
• Low noise (<1mV ripple) and stable
linear technology for clean output
• High efficiency toroidal
transformers: no fan and low
electromagnetic emissions
• Active protection against
overloads, short circuits and
overheating
• Unique variable tracking mode for
master/slave operation: slave or
master track proportionally to the
original setting
• Simultaneous display of voltage
and current
• Highly visible green (V) and
red (A) LED displays
• Compact design for bench tops
• Designed to EN 61010-1 safety
standards




Similar Part No. - AX502

ManufacturerPart #DatasheetDescription
logo
TP-Link Technologies Co...
AX50 TP-LINK-AX50 Datasheet
1Mb / 7P
Dual Band Gigabit Wi-Fi 6 Router
logo
Microsemi Corporation
AX500 MICROSEMI-AX500 Datasheet
13Mb / 262P
Axcelerator Family FPGAs
AX500 MICROSEMI-AX500 Datasheet
13Mb / 262P
Axcelerator Family FPGAs
logo
Actel Corporation
AX500-1BG896 ACTEL-AX500-1BG896 Datasheet
2Mb / 226P
Axcelerator Family FPGAs
AX500-1BG896B ACTEL-AX500-1BG896B Datasheet
2Mb / 226P
Axcelerator Family FPGAs
More results


Similar Description - AX502

ManufacturerPart #DatasheetDescription
logo
Power-One
BLP55-1005 POWER-ONE-BLP55-1005 Datasheet
108Kb / 5P
three-output ac-dc power conversion to meet the requirements of networking and data communications systems,
logo
JMK Inc.
0681 JMK-0681 Datasheet
187Kb / 1P
The 0681 Series Filters are designed to be used with switching power supplies, required to meet the emission specifications of VDE level "B"||" "321566
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/10
0916 JMK-0916 Datasheet
45Kb / 1P
This series of filters has been designed to meet tempest and other requirements
logo
Bothhand USA, LP.
24STS05-LF BOTHHAND-24STS05-LF Datasheet
157Kb / 2P
Designed to meet IEEE802.3u requirement
logo
TE Connectivity Ltd
V23154 TEC-V23154 Datasheet
1Mb / 10P
Great variety of contact arrangements and materials to meet specific applications
N-V23154 TEC-N-V23154 Datasheet
1Mb / 10P
Great variety of contact arrangements and materials to meet specific applications
P-V23003 TEC-P-V23003 Datasheet
1Mb / 5P
Great variety of contact arrangements and materials to meet specific applications
W-V23005 TEC-W-V23005 Datasheet
775Kb / 4P
Great variety of contact arrangements and materials to meet specific applications
logo
Laird Tech Smart Techno...
BTM44X LSTD-BTM44X Datasheet
1Mb / 28P
modules from Laird Technologies have been designed to meet the needs of developers
BTM410 LSTD-BTM410 Datasheet
1Mb / 25P
modules from Laird are designed to meet the needs of developers who wish to add robust
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com