Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALQP-DFDFB Datasheet (PDF) - Infinite Electronics International, Inc.

ALQP-DFDFB Datasheet PDF - Infinite Electronics International, Inc.
Part # ALQP-DFDFB
Download  ALQP-DFDFB Download
File Size   40.61 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 7/16 DIN FEMALE TO 7/16 DIM FEMALE BULKHEAD PIM RATED LIGHTNING PROTECTOR

ALQP-DFDFB Datasheet (PDF)

Go To PDF Page Download Datasheet
ALQP-DFDFB Datasheet PDF - Infinite Electronics International, Inc.

Part # ALQP-DFDFB
Download  ALQP-DFDFB Click to download

File Size   40.61 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 7/16 DIN FEMALE TO 7/16 DIM FEMALE BULKHEAD PIM RATED LIGHTNING PROTECTOR

ALQP-DFDFB Datasheet (HTML) - Infinite Electronics International, Inc.


ALQP-DFDFB Product details

ELECTRICAL:
IMPEDANCE: 50 OHM
FREQUENCY RANGE: 800 ~ 2,250 MHz
VSWR: < 1.2
PASSIVE INTERMODULATION(PIM): < -150dBc
DIELECTRIC WITHSTANDING VOLTAGE: 4000V(RMS)
INSULATION RESISTANCE: > 10,000 OHM
CONTACT RESISTANCE:
CENTER CONTACT: < 0.4m OHM
OUTER CONTACT: < 1.5m OHM
INSERTION LOSS: < 0.2dB
MECHANICAL:
DURABILITY: > 500
TEMPERATURE RANGE: -40°C TO +85°C
PACKAGING:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM SPECIFICATION PKG-00012
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)




Similar Part No. - ALQP-DFDFB

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ALQP-DMDF-ER L-COM-ALQP-DMDF-ER Datasheet
492Kb / 3P
7/16 DIN M/F Quarter Wave RF Protector, DC to 4.5GHz, Low PIM
REV 1.0
ALQP-DMDFB L-COM-ALQP-DMDFB Datasheet
40Kb / 1P
7/16 DIN MALE TO 7/16 DIM FEMALE BULKHEAD PIM RATED LIGHTNING PROTECTOR
09/30/15
More results


Similar Description - ALQP-DFDFB

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9409 PASTERNACK-PE9409 Datasheet
251Kb / 2P
7/16 DIN Female to 7/16 DIN Female Adapter
PE9414 PASTERNACK-PE9414 Datasheet
246Kb / 2P
7/16 DIN Female to 7/16 DIN Female Bulkhead Adapter
PE91029 PASTERNACK-PE91029 Datasheet
353Kb / 3P
Precision 7/16 DIN Female to 7/16 DIN Female Adapter Low PIM, Low VSWR
PE91038 PASTERNACK-PE91038 Datasheet
366Kb / 3P
Precision 7/16 DIN Female to 7/16 DIN Female Bulkhead Adapter Low PIM, Low VSWR
logo
Amphenol Corporation
272300 AMPHENOL-272300 Datasheet
385Kb / 1P
7/16 FEMALE TO FEMALE ADAPTER,LOW PIM
logo
Pasternack Enterprises,...
PE3C2015-100CM PASTERNACK-PE3C2015-100CM Datasheet
449Kb / 3P
7/16 DIN Male to 7/16 DIN Female LSZH Jacketed Low PIM cable 100cm
PE91192 PASTERNACK-PE91192 Datasheet
373Kb / 3P
7 - 16 DIN Female to 7 - 16 DIN Female Adapter IP67 Mated
PE91193 PASTERNACK-PE91193 Datasheet
364Kb / 3P
Bulkhead 7 - 16 DIN Female to 7 - 16 DIN Female Adapter IP67 Mated
PE91229 PASTERNACK-PE91229 Datasheet
372Kb / 3P
7 - 16 DIN Female to 7 - 16 DIN Female Adapter IP67 UnMated
PE91230 PASTERNACK-PE91230 Datasheet
365Kb / 3P
Bulkhead 7 - 16 DIN Female to 7 - 16 DIN Female Adapter IP67 UnMated
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com