Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

35MMFT Datasheet (PDF) - Infinite Electronics International, Inc.

35MMFT Datasheet PDF - Infinite Electronics International, Inc.
Part # 35MMFT
Download  35MMFT Download
File Size   127.84 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 3.5MM FIELD TERM, SINGLE PORT F

35MMFT Datasheet (PDF)

Go To PDF Page Download Datasheet
35MMFT Datasheet PDF - Infinite Electronics International, Inc.

Part # 35MMFT
Download  35MMFT Click to download

File Size   127.84 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 3.5MM FIELD TERM, SINGLE PORT F

35MMFT Datasheet (HTML) - Infinite Electronics International, Inc.


35MMFT Product details

MATERIAL:
JACK:
HOUSING: THERMOPLASTIC
THREADED BUSHING AND DRESS NUT: BRASS
CONTACTS: COPPER ALLOY
TERMINAL BLOCK:
HOUSING: THERMOPLASTIC
TERMINALS AND CAGE CLAMP: COPPER ALLOY
SCREWS: STEEL
PCB: FR4
FINISH:
JACK:
THREADED BUSHING: TIN PLATE
DRESS NUT: ZINC PLATE
CONTACTS: TIN PLATE
TERMINAL BLOCK:
TERMINALS: TIN OVER NICKEL PLATE
CAGE CLAMP: NICKEL PLATE
SCREWS: ZINC PLATE
MISCELLANEOUS:
3 POSITION TERMINAL BLOCK ACCEPTS 16-30AWG WIRE.
ASSEMBLY TO BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPEC. PS-0031.
PANEL MOUNT DIAMETER: .246
PANEL THICKNESS: .06 MAX.




Similar Part No. - 35MMFT

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
35MMF-2RCAM L-COM-35MMF-2RCAM Datasheet
76Kb / 1P
3.5mm STEREO F/DUAL RCA M ADPT CBL
02/26/2020
35MMF-2RCAM L-COM-35MMF-2RCAM_V01 Datasheet
76Kb / 1P
3.5mm STEREO F/DUAL RCA M ADPT CBL
02/26/2020
More results


Similar Description - 35MMFT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P310-000 TRIPPLITE-P310-000 Datasheet
162Kb / 2P
3.5mm Mini Stereo Audio Coupler (F/F)
logo
HARTING Technology Grou...
09-33-016-2725 HARTING-09-33-016-2725 Datasheet
496Kb / 2P
Han ES 16 Pos. F Insert Cage Clamp Term
09-21-064-4712 HARTING-09-21-064-4712 Datasheet
540Kb / 2P
Han D 64 Pos. F Insert Term. Block Right
09-21-064-4711 HARTING-09-21-064-4711 Datasheet
508Kb / 2P
Han D 64 Pos. F Insert Term. Block Right
09-21-064-4702 HARTING-09-21-064-4702 Datasheet
501Kb / 2P
Han D 64 Pos. F Insert Term. Block Left
09-21-064-4701 HARTING-09-21-064-4701 Datasheet
502Kb / 2P
Han D 64 Pos. F Insert Term. Block Left
09-21-040-4702 HARTING-09-21-040-4702 Datasheet
496Kb / 2P
Han D 40 Pos. F Insert Term. Block Left
09-21-040-4701 HARTING-09-21-040-4701 Datasheet
492Kb / 2P
Han D 40 Pos. F Insert Term. Block Left
logo
List of Unclassifed Man...
15304714 ETC-15304714 Datasheet
61Kb / 1P
TAXI TERM F GT 280 SEALED
07-JUN-07
DELPHI_02062018 ETC-DELPHI_02062018 Datasheet
116Kb / 1P
TAXI TERM F M/P 150 TANG
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com