Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD6670AS Datasheet (PDF) - BYCHIP ELECTRONICS CO., LIMITED

FDD6670AS Datasheet PDF - BYCHIP ELECTRONICS CO., LIMITED
Part # FDD6670AS
Download  FDD6670AS Download
File Size   986.8 Kbytes
Page   4 Pages
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED
Description N-channel Advanced Mode Power MOSFET

FDD6670AS Datasheet (PDF)

Go To PDF Page Download Datasheet
FDD6670AS Datasheet PDF - BYCHIP ELECTRONICS CO., LIMITED

Part # FDD6670AS
Download  FDD6670AS Click to download

File Size   986.8 Kbytes
Page   4 Pages
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED
Description N-channel Advanced Mode Power MOSFET

FDD6670AS Datasheet (HTML) - BYCHIP ELECTRONICS CO., LIMITED


FDD6670AS Product details

Features
 VDS= 40V, ID= 150A
RDS(ON) < 2 mΩ @ VGS = 10V
RDS(ON) < 3 mΩ @ VGS = 4.5V

General Features
● Advanced Trench Technology
● Provide Excellent RDS(ON) and Low Gate
Charge
● Lead Free and Green Available




Similar Part No. - FDD6670AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6670AS FAIRCHILD-FDD6670AS Datasheet
107Kb / 7P
30V N-Channel PowerTrench SyncFET
FDD6670AS_NL FAIRCHILD-FDD6670AS_NL Datasheet
107Kb / 7P
30V N-Channel PowerTrench SyncFET
More results


Similar Description - FDD6670AS

ManufacturerPart #DatasheetDescription
logo
Ruichips Semiconductor ...
RU1H35Q RUICHIPS-RU1H35Q Datasheet
370Kb / 9P
N-Channel Advanced Power MOSFET
RU1H130R RUICHIPS-RU1H130R Datasheet
294Kb / 9P
N-Channel Advanced Power MOSFET
RU1HE16L RUICHIPS-RU1HE16L Datasheet
285Kb / 9P
N-Channel Advanced Power MOSFET
RU2H15S RUICHIPS-RU2H15S Datasheet
280Kb / 9P
N-Channel Advanced Power MOSFET
RU2H50Q RUICHIPS-RU2H50Q Datasheet
282Kb / 9P
N-Channel Advanced Power MOSFET
RU4H10P RUICHIPS-RU4H10P Datasheet
286Kb / 9P
N-Channel Advanced Power MOSFET
RU206G RUICHIPS-RU206G Datasheet
247Kb / 9P
N-Channel Advanced Power MOSFET
RU2090M RUICHIPS-RU2090M Datasheet
305Kb / 9P
N-Channel Advanced Power MOSFET
RU4090L RUICHIPS-RU4090L Datasheet
281Kb / 9P
N-Channel Advanced Power MOSFET
RU30100L RUICHIPS-RU30100L Datasheet
286Kb / 9P
N-Channel Advanced Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com