Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE47CA Datasheet (PDF) - Comchip Technology

P4KE47CA Datasheet PDF - Comchip Technology
Part # P4KE47CA
Download  P4KE47CA Download
File Size   99.2 Kbytes
Page   4 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description 400W Transient Voltage Suppressor

P4KE47CA Datasheet (PDF)

Go To PDF Page Download Datasheet
P4KE47CA Datasheet PDF - Comchip Technology

Part # P4KE47CA
Download  P4KE47CA Click to download

File Size   99.2 Kbytes
Page   4 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description 400W Transient Voltage Suppressor

P4KE47CA Datasheet (HTML) - Comchip Technology


P4KE47CA Product details

Stand-off Voltage: 6.8 ~ 440V
Power Dissipation: 440 Walts

Features:
● Glass passivated chip
● Low leakage
● Uni and Bidirection unit
● Excellent clamping capability
● The plastic material has UL recognition 94V-0
● Fast response time




Similar Part No. - P4KE47CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE47CA PANJIT-P4KE47CA Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Transys Electronics
P4KE47CA TRSYS-P4KE47CA Datasheet
254Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4KE47CA WTE-P4KE47CA Datasheet
67Kb / 5P
400W TRANSIENT BOLTAGE SUPPRESSORS
logo
Littelfuse
P4KE47CA LITTELFUSE-P4KE47CA Datasheet
186Kb / 4P
Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
logo
Won-Top Electronics
P4KE47CA WTE-P4KE47CA Datasheet
82Kb / 6P
400W TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - P4KE47CA

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
MP4KE6 TAITRON-MP4KE6 Datasheet
209Kb / 5P
400W Transient Voltage Suppressor
P4KE6 TAITRON-P4KE6 Datasheet
198Kb / 5P
400W Transient Voltage Suppressor
logo
Comchip Technology
P4KE-G COMCHIP-P4KE-G Datasheet
113Kb / 4P
400W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P4KE6.8-LF SIRECT-P4KE6.8-LF Datasheet
129Kb / 4P
400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P4KE-G COMCHIP-P4KE-G_12 Datasheet
131Kb / 6P
400W Transient Voltage Suppressor
P4KE-HF COMCHIP-P4KE-HF Datasheet
105Kb / 4P
400W Transient Voltage Suppressor
logo
Sangdest Microelectroni...
P4KE SMC-P4KE Datasheet
297Kb / 6P
400W TRANSIENT VOLTAGE SUPPRESSOR
logo
WeEn Semiconductors
P4SOD WEEN-P4SOD Datasheet
601Kb / 7P
400W Transient Voltage Suppressor
SMAJ WEEN-SMAJ Datasheet
616Kb / 7P
400W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P4KE LEIDITECH-P4KE Datasheet
1Mb / 5P
400W Transient Voltage Suppressor
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com