Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5.0SMLJ78A Datasheet (PDF) - Micro Commercial Components

5.0SMLJ78A Datasheet PDF - Micro Commercial Components
Part # 5.0SMLJ78A
Download  5.0SMLJ78A Download
File Size   83.33 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Transient Voltage Suppressor 11 to 170 Volts 5000 Watt

5.0SMLJ78A Datasheet (PDF)

Go To PDF Page Download Datasheet
5.0SMLJ78A Datasheet PDF - Micro Commercial Components

Part # 5.0SMLJ78A
Download  5.0SMLJ78A Click to download

File Size   83.33 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Transient Voltage Suppressor 11 to 170 Volts 5000 Watt

5.0SMLJ78A Datasheet (HTML) - Micro Commercial Components


5.0SMLJ78A Product details

Features
• Halogen free available upon request by adding suffix "-HF"
• For surface mount application in order to optimize board space
• Low profile package
• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)
• Glass passivated junction
• Excellent clamping capability
• Repetition Rate( duty cycle): 0.01%
• Fast response time: typical less than 1ps from 0V to BV min
• Typical ID less than 1uA above 10V
• High temperature soldering: 260°C/10 seconds at terminals
• Low Inductance
• Built in strain relief
• UL Recognized File # E331408




Similar Part No. - 5.0SMLJ78A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
5.0SMLJ78A MCC-5.0SMLJ78A Datasheet
137Kb / 4P
Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
5.0SMLJ78A MCC-5.0SMLJ78A Datasheet
1Mb / 4P
Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
5.0SMLJ78A MCC-5.0SMLJ78A Datasheet
337Kb / 5P
Transient Voltage Suppressor 11 to 170 Volts 5000 Watt Low profile package
5.0SMLJ78A MCC-5.0SMLJ78A Datasheet
337Kb / 5P
Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
logo
MDE Semiconductor, Inc.
5.0SMLJ78A MDE-5.0SMLJ78A Datasheet
327Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - 5.0SMLJ78A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMCJ50 MCC-SMCJ50 Datasheet
435Kb / 8P
Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
SMLJ50 MCC-SMLJ50 Datasheet
428Kb / 8P
Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
50SMLJ11A MCC-50SMLJ11A_09 Datasheet
137Kb / 4P
Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
5.0SMLJ11A MCC-5.0SMLJ11A_11 Datasheet
1Mb / 4P
Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
5.0SMLJ11A MCC-5.0SMLJ11A_13 Datasheet
337Kb / 5P
Transient Voltage Suppressor 11 to 170 Volts 5000 Watt Low profile package
5.0SMLJ24A-TP MCC-5.0SMLJ24A-TP Datasheet
337Kb / 5P
Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
SMLJ15A-TP MCC-SMLJ15A-TP Datasheet
492Kb / 7P
Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
logo
StarHope
TVS-5SMDJ SPSEMI-TVS-5SMDJ Datasheet
161Kb / 5P
Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 11 to 170 Volts 5000 Watt Peak Pulse Power
logo
Micro Commercial Compon...
5.0SMLJ11A MCC-5.0SMLJ11A_15 Datasheet
314Kb / 5P
Transient Voltage Suppressor 11 to 400 Volts 5000 Watt
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com