Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMZ1150A Datasheet (PDF) - Won-Top Electronics

SMZ1150A Datasheet PDF - Won-Top Electronics
Part # SMZ1150A
Download  SMZ1150A Download
File Size   104.54 Kbytes
Page   5 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 1.0W SURFACE MOUNT ZENER DIODE

SMZ1150A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMZ1150A Datasheet PDF - Won-Top Electronics

Part # SMZ1150A
Download  SMZ1150A Click to download

File Size   104.54 Kbytes
Page   5 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 1.0W SURFACE MOUNT ZENER DIODE

SMZ1150A Datasheet (HTML) - Won-Top Electronics


SMZ1150A Product details

Low Profile 1.33mm Max. Case Height
1.0W Power Dissipation
3.3V – 330V Nominal Zener Voltage
5% Standard Vz Tolerance
Low Inductance
For Use in Voltage Regulator or Reference
Plastic Material – UL Recognition Flammability
Classification 94V-0




Similar Part No. - SMZ1150A

ManufacturerPart #DatasheetDescription
logo
Anova Technologies CO.,...
SMZ1150A ANOVA-SMZ1150A Datasheet
267Kb / 3P
Surface Mount Zener Diodes
SMZ1150A ANOVA-SMZ1150A Datasheet
458Kb / 3P
Surface Mount Zener Diodes
March-25-2022
More results


Similar Description - SMZ1150A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZM4728A DIODES-ZM4728A Datasheet
64Kb / 3P
1.0W SURFACE MOUNT ZENER DIODE
DS18009 Rev. 3 - 3
logo
Vishay Siliconix
SMAZ100 VISHAY-SMAZ100 Datasheet
171Kb / 3P
1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_1 Datasheet
90Kb / 4P
1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
SMAZ5V1 DIODES-SMAZ5V1_09 Datasheet
129Kb / 5P
1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 16 - 2
SMAZ39-13 DIODES-SMAZ39-13 Datasheet
129Kb / 5P
1.0W SURFACE MOUNT ZENER DIODE
Rev 16
SMAZ36-13 DIODES-SMAZ36-13 Datasheet
129Kb / 5P
1.0W SURFACE MOUNT ZENER DIODE
Rev 16
SMAZ7V5-13 DIODES-SMAZ7V5-13 Datasheet
129Kb / 5P
1.0W SURFACE MOUNT ZENER DIODE
Rev 16
logo
Sangdest Microelectroni...
1SMA4741 SMC-1SMA4741 Datasheet
265Kb / 6P
1.0W SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
1SMA4736A WTE-1SMA4736A Datasheet
96Kb / 5P
1.0W SURFACE MOUNT ZENER DIODE
1SMA4738A WTE-1SMA4738A Datasheet
96Kb / 5P
1.0W SURFACE MOUNT ZENER DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com