Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPG2035T5F Datasheet (PDF) - California Eastern Labs

UPG2035T5F Datasheet PDF - California Eastern Labs
Part # UPG2035T5F
Download  UPG2035T5F Download
File Size   592.06 Kbytes
Page   12 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description BROADBAND GaAs MMIC DPDT SWITCH FOR 2.4 GHz AND 5 GHz WLAN

UPG2035T5F Datasheet (PDF)

Go To PDF Page Download Datasheet
UPG2035T5F Datasheet PDF - California Eastern Labs

Part # UPG2035T5F
Download  UPG2035T5F Click to download

File Size   592.06 Kbytes
Page   12 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description BROADBAND GaAs MMIC DPDT SWITCH FOR 2.4 GHz AND 5 GHz WLAN

UPG2035T5F Datasheet (HTML) - California Eastern Labs




Similar Part No. - UPG2035T5F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPG2035T5F RENESAS-UPG2035T5F Datasheet
270Kb / 15P
GaAs INTEGRATED CIRCUIT
2005
UPG2035T5F-E2 RENESAS-UPG2035T5F-E2 Datasheet
270Kb / 15P
GaAs INTEGRATED CIRCUIT
2005
UPG2035T5F-E2-A RENESAS-UPG2035T5F-E2-A Datasheet
270Kb / 15P
GaAs INTEGRATED CIRCUIT
2005
More results


Similar Description - UPG2035T5F

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC310MS8G HITTITE-HMC310MS8G Datasheet
187Kb / 6P
BLUETOOTH & 2.4 GHz WLAN GaAs MMIC TRANSCEIVER
logo
NEC
UPG2163T5N NEC-UPG2163T5N Datasheet
61Kb / 7P
GaAs MMIC SPDT SWITCH FOR 2.4 GHz AND 5 GHz DUALBAND WIRELESS LAN
logo
Tyco Electronics
MASWSS0190 MACOM-MASWSS0190 Datasheet
148Kb / 4P
GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
MASWSS0130 MACOM-MASWSS0130 Datasheet
244Kb / 4P
GaAs Broadband DPDT Diversity Switch 0.5 - 3.0 GHz
logo
Hittite Microwave Corpo...
HMC310MS8G HITTITE-HMC310MS8G_07 Datasheet
227Kb / 6P
BLUETOOTH & 2.4 GHz WLAN GaAs MMIC TRANSCEIVER
logo
M/A-COM Technology Solu...
MASW-008206-000DIE MA-COM-MASW-008206-000DIE Datasheet
94Kb / 5P
GaAs WLAN Dual SPDT Switch 2.4 - 5.8 GHz
MASW-008902-000DIE MA-COM-MASW-008902-000DIE Datasheet
244Kb / 5P
Bumped GaAs SP3T Switch for WLAN 2.4 - 2.5 GHz
logo
Hittite Microwave Corpo...
HMC310MS8G HITTITE-HMC310MS8G_09 Datasheet
192Kb / 6P
BLUETOOTH & 2.4 GHz WLAN GaAs MMIC TRANSCEIVER
HMC393MS8G HITTITE-HMC393MS8G_08 Datasheet
234Kb / 6P
GaAs MMIC DPDT DIVERSITY SWITCH, 5 - 6 GHz
logo
M/A-COM Technology Solu...
MASW-008206-000DIE MA-COM-MASW-008206-000DIE_15 Datasheet
613Kb / 6P
GaAs WLAN Dual SPDT Switch 2.4 - 5.8 GHz
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com