Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCZ33285EF Datasheet (PDF) - Freescale Semiconductor, Inc

MCZ33285EF Datasheet PDF - Freescale Semiconductor, Inc
Part # MCZ33285EF
Download  MCZ33285EF Download
File Size   317.33 Kbytes
Page   13 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Dual High-Side TMOS Driver

MCZ33285EF Datasheet (PDF)

Go To PDF Page Download Datasheet
MCZ33285EF Datasheet PDF - Freescale Semiconductor, Inc

Part # MCZ33285EF
Download  MCZ33285EF Click to download

File Size   317.33 Kbytes
Page   13 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Dual High-Side TMOS Driver

MCZ33285EF Datasheet (HTML) - Freescale Semiconductor, Inc


MCZ33285EF Product details

Dual High-Side TMOS Driver

A single input controls the 33285 in driving two external high-side N-Channel TMOS power FETs controlling incandescent or inductive loads. Pulse Width Modulated (PWM) input control to 1.0 kHz is possible. The 33285 contains a common internal charge pump used to enhance the Gate voltage of both FETs.

Features
• PWM Capability
• Power TMOS Number One (OUT1) Short-Circuit Detection and Short-Circuit Protection
• Voltage Range 7.0 V ≤ 40 V
• Extended Temperature Range from -40°C ≤ 125°C
• Load Dump Protected
• Overvoltage Detection and Activation of OUT2 During Overvoltage
• Single Input Control for Both Output Stages
• Capacitor Value of 100 nF Connected to Pin CP
• Analog Input Control Measurement Detection
• OUT1 LOAD Leakage Measurement Detection
• Pb-Free Packaging Designated by Suffix Code EF




Similar Part No. - MCZ33285EF

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33287EG FREESCALE-MCZ33287EG Datasheet
386Kb / 15P
Contact Monitoring and Dual Low-Side Protected Driver
MCZ33287R2 FREESCALE-MCZ33287R2 Datasheet
386Kb / 15P
Contact Monitoring and Dual Low-Side Protected Driver
More results


Similar Description - MCZ33285EF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33198 MOTOROLA-MC33198 Datasheet
296Kb / 11P
Automotive High Side TMOS Driver
XC33487 MOTOROLA-XC33487 Datasheet
134Kb / 5P
Automotive Dual High Side Driver
logo
Freescale Semiconductor...
MC33285 FREESCALE-MC33285 Datasheet
251Kb / 5P
Automotive Dual High Side TMOS Driver
33198 FREESCALE-33198 Datasheet
375Kb / 17P
Automotive High-Side TMOS Driver
MC33286 FREESCALE-MC33286 Datasheet
318Kb / 8P
Automotive Dual High Side Driver
logo
International Rectifier
IRS21853SPBF IRF-IRS21853SPBF Datasheet
176Kb / 17P
DUAL HIGH SIDE DRIVER IC
IRS21858SPBF IRF-IRS21858SPBF Datasheet
238Kb / 19P
High(Dual Mode) Side Driver
IRS21853SPBF IRF-IRS21853SPBF_15 Datasheet
191Kb / 17P
DUAL HIGH SIDE DRIVER IC
IRS21858SPBF IRF-IRS21858SPBF_15 Datasheet
238Kb / 19P
High(Dual Mode) Side Driver
logo
Motorola, Inc
MC33091A MOTOROLA-MC33091A Datasheet
271Kb / 16P
HIGH?밪IDE TMOS DRIVER
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com