Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KF15 Datasheet (PDF) - STMicroelectronics

KF15 Datasheet PDF - STMicroelectronics
Part # KF15
Download  KF15 Download
File Size   317.97 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Very low drop voltage regulators with inhibit

KF15 Datasheet (PDF)

Go To PDF Page Download Datasheet
KF15 Datasheet PDF - STMicroelectronics

Part # KF15
Download  KF15 Click to download

File Size   317.97 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Very low drop voltage regulators with inhibit

KF15 Datasheet (HTML) - STMicroelectronics


KF15 Product details

Features
Very low dropout voltage (0.4V)
Very low quiescent current (typ. 50 μA in OFF
MODE, 500 μA in ON MODE)
Output current up to 500 mA
Logic-controlled electronic shutdown
Output voltages of 1.5; 2.5; 3; 3.3; 4; 5; 5.2; 6; 8
Internal current and thermal limit
Only 2.2 μF for stability
Available in ± 2% accuracy at 25 °C
Supply voltage rejection: 70 db (typ.)
Temperature range: -40 to 125 °C




Similar Part No. - KF15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KF15 STMICROELECTRONICS-KF15 Datasheet
224Kb / 17P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
logo
Rohm
KF1502-GT10A ROHM-KF1502-GT10A Datasheet
80Kb / 4P
Compact low voltage thick film Thermal printhead (6dots / mm)
KF1502-GT20A ROHM-KF1502-GT20A Datasheet
76Kb / 5P
Compact low voltage thick film thermal printhead (6dots / mm)
logo
KEC(Korea Electronics)
KF155 KEC-KF155 Datasheet
228Kb / 3P
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR THE RECEIVING RF CIRCUITS OF PAGER)
KF155S KEC-KF155S Datasheet
228Kb / 3P
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR THE RECEIVING RF CIRCUITS OF PAGER)
More results


Similar Description - KF15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KF00 STMICROELECTRONICS-KF00 Datasheet
224Kb / 17P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
L4931 STMICROELECTRONICS-L4931 Datasheet
324Kb / 29P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Aug-2003
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jul-1999
LF00 STMICROELECTRONICS-LF00_06 Datasheet
598Kb / 46P
Very low drop voltage regulators with inhibit
24-May-2006
KFXXB STMICROELECTRONICS-KFXXB Datasheet
740Kb / 22P
Very low drop voltage regulators with inhibit
14-Dec-2007
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
Very low drop voltage regulators with inhibit
09-Apr-2008
LEXXAB STMICROELECTRONICS-LEXXAB_08 Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
L4931ABXX STMICROELECTRONICS-L4931ABXX Datasheet
905Kb / 36P
Very low drop voltage regulators with inhibit
18-Aug-2008
LEXXAB STMICROELECTRONICS-LEXXAB Datasheet
912Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com