Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K50LGRAL1YPQ. Datasheet (PDF) - Banner Engineering Corp.

K50LGRAL1YPQ. Datasheet PDF - Banner Engineering Corp.
Part # K50LGRAL1YPQ.
Download  K50LGRAL1YPQ. Download
File Size   605.58 Kbytes
Page   5 Pages
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.
Description K50L and K80L Audible Indicator Lights

K50LGRAL1YPQ. Datasheet (PDF)

Go To PDF Page Download Datasheet
K50LGRAL1YPQ. Datasheet PDF - Banner Engineering Corp.

Part # K50LGRAL1YPQ.
Download  K50LGRAL1YPQ. Click to download

File Size   605.58 Kbytes
Page   5 Pages
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.
Description K50L and K80L Audible Indicator Lights

K50LGRAL1YPQ. Datasheet (HTML) - Banner Engineering Corp.


K50LGRAL1YPQ. Product details

Features
Rugged, cost-effective, and easy-to-install indicators available in K50 or K80 housing
style
Steady or pulsed sound indication
Illuminated dome provides a big, easy-to-see green, red, or yellow job light
Compact devices are completely self-contained, no controller needed
Choose NPN or PNP input, depending on model
Immune to EMI and RFI interference
18 V DC to 30 V DC operation
Three color LED function: green, red, and yellow




Similar Part No. - K50LGRAL1YPQ.

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
K50LGRAL1YPQ BANNER-K50LGRAL1YPQ Datasheet
701Kb / 5P
Rugged, cost-effective, and easy-to-install indicators available in K50 or K80 housing style
Rev. A
More results


Similar Description - K50LGRAL1YPQ.

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1030D CML-1030D Datasheet
220Kb / 1P
Neon-Incandescent Indicator Lights
1050A CML-1050A Datasheet
221Kb / 1P
Neon-Incandescent Indicator Lights
1050C CML-1050C Datasheet
220Kb / 1P
Neon-Incandescent Indicator Lights
2150A CML-2150A Datasheet
221Kb / 1P
Neon-Incandescent Indicator Lights
6039-004-304R CML-6039-004-304R Datasheet
222Kb / 1P
Astrolite LED Indicator Lights
logo
Visual Communications C...
160A-604R VCC-160A-604R Datasheet
108Kb / 1P
Gemlite Relampable Indicator Lights
960 VCC-960 Datasheet
450Kb / 1P
Rectangular indicator Lights
970 VCC-970 Datasheet
840Kb / 2P
Dia Indicator Lights
980 VCC-980 Datasheet
539Kb / 1P
Dia Indicator Lights
logo
Siemens Semiconductor G...
3SB3 SIEMENS-3SB3 Datasheet
8Mb / 80P
3SB3 Pushbuttons and Indicator Lights, 22 mm
10 - 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com