Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YAGI Datasheet (PDF) - PCTEL, Inc.

YAGI Datasheet PDF - PCTEL, Inc.
Part # YAGI
Download  YAGI Download
File Size   174.17 Kbytes
Page   1 Pages
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.
Description 700/800/900 MHz MIMO Yagi Antennas with Dual Polarization

YAGI Datasheet (PDF)

Go To PDF Page Download Datasheet
YAGI Datasheet PDF - PCTEL, Inc.

Part # YAGI
Download  YAGI Click to download

File Size   174.17 Kbytes
Page   1 Pages
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.
Description 700/800/900 MHz MIMO Yagi Antennas with Dual Polarization

YAGI Datasheet (HTML) - PCTEL, Inc.


YAGI Product details

Features
Dual linearly polarized
Temperature range -40° C to +85° C
Wind survival rating > 200 mph
Return loss > 14 dB
Port to port isolation > 35 dB
VSWR: ≤ 1.5:1
Cross polarization discrimination > 25 dB




Similar Part No. - YAGI

ManufacturerPart #DatasheetDescription
logo
Low Power Radio Solutio...
YAGI-14-2.4G LPRS-YAGI-14-2.4G Datasheet
269Kb / 1P
2.4GHz YAGI Antenna Data Sheet
YAGI-16-2.4G LPRS-YAGI-16-2.4G Datasheet
269Kb / 1P
2.4GHz YAGI Antenna Data Sheet
logo
Pulse A Technitrol Comp...
YAGIKITHD PULSE-YAGIKITHD Datasheet
3Mb / 4P
PARTS/ACCESSORIES
More results


Similar Description - YAGI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF212 ATMEL-AT86RF212_1 Datasheet
1Mb / 171P
Low Power 700/800/900 MHz
ATZB-900-B0 ATMEL-ATZB-900-B0 Datasheet
448Kb / 20P
ZigBit??700/800/900 MHz Wireless Modules
logo
World Produts Inc.
WPANT30050-RA WPI-WPANT30050-RA Datasheet
97Kb / 2P
900 MHz Directional Yagi Antenna
logo
Laird Tech Smart Techno...
Y8063 LSTD-Y8063 Datasheet
969Kb / 1P
DIRECTIONAL YAGI ANTENNAS
logo
Pulse A Technitrol Comp...
LM800 PULSE-LM800 Datasheet
691Kb / 5P
700/800/900/1850 mhz coils/whips
logo
Laird Tech Smart Techno...
Y89612 LSTD-Y89612 Datasheet
1Mb / 1P
DIRECTIONAL YAGI ANTENNAS
YS2203 LSTD-YS2203 Datasheet
494Kb / 1P
DIRECTIONAL YAGI ANTENNAS
Y4506 LSTD-Y4506 Datasheet
896Kb / 1P
DIRECTIONAL YAGI ANTENNAS
Y8966 LSTD-Y8966 Datasheet
575Kb / 1P
DIRECTIONAL YAGI ANTENNAS
YF88008 LSTD-YF88008 Datasheet
749Kb / 2P
DIRECTIONAL YAGI ANTENNAS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com