Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA213 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
INA213 Datasheet PDF - Texas Instruments
Part # INA213
Download  INA213 Download
File Size   1585.88 Kbytes
Page   45 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors

INA213 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA213 Datasheet PDF - Texas Instruments

Part # INA213
Download  INA213 Click to download

File Size   1585.88 Kbytes
Page   45 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors

INA213 Datasheet (HTML) - Texas Instruments


INA213 Product details

1 Features
• Updated format to match new TI layout and flow.
Tables, figures and cross-references use a new
numbering sequence throughout the document.
Wide Common-Mode Range: –0.3 V to 26 V
• Offset Voltage: ±35 μV (Maximum, INA210)
(Enables Shunt Drops of 10-mV Full-Scale)
• Accuracy:
– Gain Error (Maximum Over Temperature):
• ±0.5% (Version C)
• ±1% (Versions A and B)
– 0.5-μV/°C Offset Drift (Maximum)
– 10-ppm/°C Gain Drift (Maximum)
• Choice of Gains:
– INA210: 200 V/V
– INA211: 500 V/V
– INA212: 1000 V/V
– INA213: 50 V/V
– INA214: 100 V/V
– INA215: 75 V/V
• Quiescent Current: 100 μA (Maximum)
• SC70 and Thin UQFN Packages: All Models

2 Applications
• Notebook Computers
• Cell Phones
• Telecom Equipment
• Power Management
• Battery Chargers

3 Description
The INA21x are voltage-output, current-shunt
monitors (also called current-sense amplifiers)
that are commonly used for overcurrent
protection, precision-current measurement for system
optimization, or in closed-loop feedback circuits. This
series of devices can sense drops across shunts
at common-mode voltages from –0.3 V to 26 V,
independent of the supply voltage. Six fixed gains
are available: 50 V/V, 75 V/V, 100 V/V, 200 V/V, 500
V/V, or 1000 V/V. The low offset of the zero-drift
architecture enables current sensing with maximum
drops across the shunt as low as 10-mV full-scale.
These devices operate from a single 2.7-V to 26-V
power supply, drawing a maximum of 100 μA of
supply current. All versions are specified over the
extended operating temperature range
(–40°C to +125°C), and offered in SC70 and UQFN
packages.




Similar Part No. - INA213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA213 TI-INA213 Datasheet
581Kb / 17P
Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA213 TI-INA213 Datasheet
583Kb / 17P
Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
INA213 TI1-INA213 Datasheet
1Mb / 29P
Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
INA213 TI-INA213 Datasheet
961Kb / 33P
High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
INA213 TI1-INA213 Datasheet
1Mb / 30P
Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
More results


Similar Description - INA213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA210 TI-INA210_08 Datasheet
583Kb / 17P
Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
INA212-Q1 TI1-INA212-Q1 Datasheet
1Mb / 20P
VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT
INA210 TI-INA210_15 Datasheet
1Mb / 37P
INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
INA212-Q1 TI1-INA212-Q1_15 Datasheet
1Mb / 28P
Zero-Drift Series, Current-Shunt Monitors
INA210 TI1-INA210_17 Datasheet
1Mb / 44P
Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
INA190 TI1-INA190 Datasheet
369Kb / 20P
Low Supply, Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
INA191 TI1-INA191 Datasheet
461Kb / 22P
Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
logo
ON Semiconductor
NCS210R ONSEMI-NCS210R_V01 Datasheet
743Kb / 18P
Current-Shunt Monitors, Voltage Output, Bidirectional Zero-Drift, Low- or High-Side Current Sensing
August, 2021 - Rev. 8
NCS210R ONSEMI-NCS210R_V02 Datasheet
740Kb / 18P
Current-Shunt Monitors, Voltage Output, Bidirectional, Zero-Drift, Low- or High-Side Current Sensing
June, 2023 - Rev. 9
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com