Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA7 Datasheet (PDF) - Tyco Electronics

LA7 Datasheet PDF - Tyco Electronics
Part # LA7
Download  LA7 Download
File Size   480.85 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Limiting Amplifier 50 to 500 MHz

LA7 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA7 Datasheet PDF - Tyco Electronics

Part # LA7
Download  LA7 Click to download

File Size   480.85 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Limiting Amplifier 50 to 500 MHz

LA7 Datasheet (HTML) - Tyco Electronics


LA7 Product details

Description
The LA7 limiting amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
This design uses a Schottky diode limiter circuit at the input, and a single stage bipolar transistor feedback amplifier at the output. An RF choke is used for DC power supply decoupling. Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• SYMMETRICAL CLIPPING GOOD EVEN-ORDER SUPPRESSION
• HIGH OUTPUT LEVEL: +11.5 dBm (TYP.)
• HIGH THIRD-ORDER IP: +28 dBm (TYP.)
• FAST PULSE RECOVERY TIME: < 50 NSEC (TYP.)




Similar Part No. - LA7

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
LA7 MA-COM-LA7 Datasheet
1Mb / 3P
Limiting Amplifier 50 to 500 MHz
logo
Shanghai Leiditech Elec...
LA7 LEIDITECH-LA7 Datasheet
603Kb / 2P
Glass passivated device Ideal for surface mouted applications
logo
Sanyo Semicon Device
LA70001 SANYO-LA70001 Datasheet
134Kb / 8P
Record/Playback Amplifiers for VHS Format VCRs
LA70001M SANYO-LA70001M Datasheet
134Kb / 8P
Record/Playback Amplifiers for VHS Format VCRs
LA70011 SANYO-LA70011 Datasheet
134Kb / 11P
Recording/Playback Amplifier for VHS VCRs
More results


Similar Description - LA7

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZRL-1150LN MINI-ZRL-1150LN Datasheet
184Kb / 1P
Low Noise Amplifier 50??500 to 1400 MHz
logo
List of Unclassifed Man...
LA17 ETC1-LA17 Datasheet
220Kb / 2P
10 TO 1000 MHz TO-8 CASCADABLE LIMITING AMPLIFIER
logo
Tyco Electronics
AL7 MACOM-AL7 Datasheet
422Kb / 2P
Cascadable Amplifier 50 to 500 MHz
logo
Analog Devices
ADL5534 AD-ADL5534_08 Datasheet
657Kb / 9P
20 MHz to 500 MHz IF Amplifier
Rev. PrE 2/08
logo
M/A-COM Technology Solu...
AL7 MA-COM-AL7 Datasheet
1Mb / 3P
Cascadable Amplifier 50 to 500 MHz
LA7 MA-COM-LA7 Datasheet
1Mb / 3P
Limiting Amplifier 50 to 500 MHz
logo
Teledyne Technologies I...
LA3CP5001 TELEDYNE-LA3CP5001 Datasheet
147Kb / 2P
4 TO 200 MHz LIMITING AMPLIFIER
LA507 TELEDYNE-LA507 Datasheet
205Kb / 2P
50 TO 500 MHz TO-8 LIMITING AMPLIFIER
UTOUTC0571 TELEDYNE-UTOUTC0571 Datasheet
170Kb / 4P
Thin-Film Cascadable Amplifier 50 to 500 MHz
UTOUTC0572 TELEDYNE-UTOUTC0572 Datasheet
168Kb / 4P
Thin-Film Cascadable Amplifier 50 to 500 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com