Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISBN3020P Datasheet (PDF) - Inchange Semiconductor Company Limited

ISBN3020P Datasheet PDF - Inchange Semiconductor Company Limited
Part # ISBN3020P
Download  ISBN3020P Download
File Size   257.81 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon PNP Power Transistor

ISBN3020P Datasheet (PDF)

Go To PDF Page Download Datasheet
ISBN3020P Datasheet PDF - Inchange Semiconductor Company Limited

Part # ISBN3020P
Download  ISBN3020P Click to download

File Size   257.81 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon PNP Power Transistor

ISBN3020P Datasheet (HTML) - Inchange Semiconductor Company Limited


ISBN3020P Product details

DESCRIPTION
·Collector-Emitter Breakdown Voltage
-V(BR)CEO=-200V(Min)
·Collector-Emitter Saturation Voltage
-VCE(sat)= -3.0V(Max) @IC= -8A
APPLICATIONS
·Designed for power amplifier,high speed switching and
regulated power supply applications.




Similar Part No. - ISBN3020P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ISB-A27-0 SANYO-ISB-A27-0 Datasheet
68Kb / 4P
Ultrathin Miniature Package 4-channel N-channel MOSFET Array
ISB-A40-0 SANYO-ISB-A40-0 Datasheet
62Kb / 4P
Ultrathin Miniature Package Reverse-Current Flow Prevention for a Cell Phone Charger Circuit SBD횞4
ISB-E48-0 SANYO-ISB-E48-0 Datasheet
64Kb / 6P
Ultrathin Miniature Package Charger Circuit Voltage Sensor 3 P-channel MOSFETs
ISB-E48-1 SANYO-ISB-E48-1 Datasheet
64Kb / 6P
Ultrathin Miniature Package Charger Circuit Voltage Sensor 3 P-channel MOSFETs
logo
XP Power Limited
ISB01 XPPOWER-ISB01 Datasheet
367Kb / 3P
DC-DC Converter
More results


Similar Description - ISBN3020P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA743 ISC-2SA743 Datasheet
104Kb / 2P
isc Silicon PNP Power Transistor
BDX20 ISC-BDX20 Datasheet
77Kb / 2P
isc Silicon PNP Power Transistor
BD908 ISC-BD908 Datasheet
106Kb / 2P
isc Silicon PNP Power Transistor
2SA1758 ISC-2SA1758 Datasheet
102Kb / 2P
isc Silicon PNP Power Transistor
2SA744 ISC-2SA744 Datasheet
72Kb / 2P
isc Silicon PNP Power Transistor
2SA1301 ISC-2SA1301 Datasheet
78Kb / 2P
isc Silicon PNP Power Transistor
2SA1386 ISC-2SA1386 Datasheet
148Kb / 3P
isc Silicon PNP Power Transistor
MJE2901T ISC-MJE2901T Datasheet
101Kb / 2P
isc Silicon PNP Power Transistor
2SA671 ISC-2SA671 Datasheet
113Kb / 2P
isc Silicon PNP Power Transistor
2SB679 ISC-2SB679 Datasheet
79Kb / 2P
isc Silicon PNP Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com