Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAL7 Datasheet (PDF) - Tyco Electronics

CAL7 Datasheet PDF - Tyco Electronics
Part # CAL7
Download  CAL7 Download
File Size   422.44 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 50 to 500 MHz

CAL7 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAL7 Datasheet PDF - Tyco Electronics

Part # CAL7
Download  CAL7 Click to download

File Size   422.44 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 50 to 500 MHz

CAL7 Datasheet (HTML) - Tyco Electronics


CAL7 Product details

Description
The AL7 limiting amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
This design uses a Schottky diode limiter circuit at the output, and a single stage bipolar transistor feedback amplifier at the output. An RF choke is used for DC power supply decoupling.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• SYMMETRICAL CLIPPING: GOOD EVEN-ORDER SUPPRESSION
• HIGH GAIN: 13 dB (TYP.)
• LOW VSWR: < 1.5:1 (TYP.)
• FAST PULSE RECOVERY TIME: < 50 NSEC (TYP.)




Similar Part No. - CAL7

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
CAL7 MA-COM-CAL7 Datasheet
1Mb / 3P
Cascadable Amplifier 50 to 500 MHz
CAL7 MA-COM-CAL7 Datasheet
688Kb / 4P
Cascadable Amplifier
logo
List of Unclassifed Man...
CAL73 ETC2-CAL73 Datasheet
707Kb / 1P
RS-232 Interface
More results


Similar Description - CAL7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A57 MACOM-A57 Datasheet
108Kb / 1P
10 TO 500 MHz CASCADABLE AMPLIFIER
SMA73 MACOM-SMA73 Datasheet
103Kb / 1P
5 TO 500 MHz CASCADABLE AMPLIFIER
A76-1 MACOM-A76-1 Datasheet
109Kb / 1P
5 TO 500 MHZ CASCADABLE AMPLIFIER
A53 MACOM-A53 Datasheet
354Kb / 2P
Cascadable Amplifier 10 to 500 MHz
A57 MACOM-A57_1 Datasheet
382Kb / 2P
Cascadable Amplifier 100 to 500 MHz
A81-2 MACOM-A81-2_1 Datasheet
383Kb / 2P
Cascadable Amplifier 20 to 500 MHz
SMLA88 MACOM-SMLA88 Datasheet
396Kb / 3P
Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
AL7 MA-COM-AL7 Datasheet
1Mb / 3P
Cascadable Amplifier 50 to 500 MHz
logo
Teledyne Technologies I...
UTOUTC0571 TELEDYNE-UTOUTC0571 Datasheet
170Kb / 4P
Thin-Film Cascadable Amplifier 50 to 500 MHz
UTOUTC0572 TELEDYNE-UTOUTC0572 Datasheet
168Kb / 4P
Thin-Film Cascadable Amplifier 50 to 500 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com