Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100021898 Datasheet (PDF) - Turck, Inc.

100021898 Datasheet PDF - Turck, Inc.
Part # 100021898
Download  100021898 Download
File Size   109.13 Kbytes
Page   5 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Pressure TransmitterWith 2 Switching Outputs and IO-Link

100021898 Datasheet (PDF)

Go To PDF Page Download Datasheet
100021898 Datasheet PDF - Turck, Inc.

Part # 100021898
Download  100021898 Click to download

File Size   109.13 Kbytes
Page   5 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Pressure TransmitterWith 2 Switching Outputs and IO-Link

100021898 Datasheet (HTML) - Turck, Inc.


100021898 Product details

Features
■Ceramic measuring cell
■Compact and robust design
■Excellent EMC properties
■Pressure range -1…1 bar rel.
■18…33 V DC
■NO/NC contact, 2 × PNP/NPN outputs, IOLink
■Process connection G1/4'' male thread
(back sealing) according to DIN EN ISO
1179-2 with FPM profile sealing ring
■Connector device, M12 × 1

Functional principle
The pressure sensors in the PT…‐1000
product series operate with a ceramic
measuring cell in various pressure ranges
of up to -1…60 bar in 2-, 3- or even 4-wire
technology. Depending on the sensor variant,
the processed signal is available as an analog
output signal (4…20 mA, 0…10 V, 0…5 V, 1…
6 V, ratiometric) or as a digital IO-Link process
parameter. The IO-Link sensor variants also
have two independently configurable switching
outputs.
In addition to the standard variants, there are
special sensors for uses such as ATEX areas
or for oxygen applications.
A wide range of process connections and
electrical connections offer a high degree of
flexibility in a wide range of applications.




Similar Part No. - 100021898

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
100021896 TURCK-100021896 Datasheet
116Kb / 5P
Pressure Transmitter – With 2 Switching Outputs and IO-Link
11/08/2023
100021897 TURCK-100021897 Datasheet
114Kb / 5P
Pressure Transmitter – With 2 Switching Outputs and IO-Link
11/08/2023
More results


Similar Description - 100021898

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3669-2 LINER-LT3669-2 Datasheet
2Mb / 12P
IO-Link Device with Multiple Sensors
logo
HARTING Technology Grou...
20-95-000-0028-00 HARTING-20-95-000-0028-00 Datasheet
513Kb / 2P
HAIIC MICA 2 IO-Link 3p
logo
Festo Corporation.
8086604 FESTO-8086604 Datasheet
89Kb / 2P
IO-Link Master
logo
WAGO Kontakttechnik Gmb...
750-657 WAGO-750-657 Datasheet
555Kb / 13P
IO-Link Master
logo
Pepperl+Fuchs Inc.
ICE1-8IOL-G30L-V1D PF-ICE1-8IOL-G30L-V1D Datasheet
857Kb / 4P
IO-Link master
ICE1-8IOL-G60L-V1D PF-ICE1-8IOL-G60L-V1D Datasheet
969Kb / 4P
IO-Link master
ICE1-8IOL-S2-G60L-V1D PF-ICE1-8IOL-S2-G60L-V1D Datasheet
601Kb / 3P
IO-Link master
logo
Maxim Integrated Produc...
MAXREFDES177 MAXIM-MAXREFDES177 Datasheet
1,017Kb / 17P
IO Link Universal Analog IO
logo
Pepperl+Fuchs Inc.
IO-LINK-MASTER02-USB PF-IO-LINK-MASTER02-USB Datasheet
715Kb / 4P
IO-Link Master
2020-06-30
logo
WOLFSPEED, INC.
AMS5105 WOLFSPEED-AMS5105 Datasheet
253Kb / 8P
Pressure sensor with one analog and two switching outputs
May 2012 Rev. 2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com