Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5296 Datasheet (PDF) - Inchange Semiconductor Company Limited

2N5296 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2N5296
Download  2N5296 Download
File Size   279.06 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon NPN Power Transistor

2N5296 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5296 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2N5296
Download  2N5296 Click to download

File Size   279.06 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon NPN Power Transistor

2N5296 Datasheet (HTML) - Inchange Semiconductor Company Limited


2N5296 Product details

DESCRIPTION
· Collector-Emitter Breakdown Voltage
-V(BR)CEO= 40V(Min)
· Collector-Emitter Saturation Voltage
-VCE(sat):1.0V(Max) @IC=1.0A
APPLICATIONS
· Designed for medium power switching amplifier applications.




Similar Part No. - 2N5296

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N5296 CENTRAL-2N5296 Datasheet
71Kb / 1P
NPN SILICON TRANSISTOR
logo
Savantic, Inc.
2N5296 SAVANTIC-2N5296 Datasheet
103Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2N5296 JMNIC-2N5296 Datasheet
133Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2N5296 ISC-2N5296 Datasheet
134Kb / 3P
Silicon NPN Power Transistors
logo
Rectron Semiconductor
2N5296 RECTRON-2N5296 Datasheet
76Kb / 3P
TO-220 - Power Transistors and Darlingtons
More results


Similar Description - 2N5296

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com