Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8147 Datasheet (PDF) - Analog Devices

AD8147 Datasheet PDF - Analog Devices
Part # AD8147
Download  AD8147 Download
File Size   584.95 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Triple Differential Driver for Wideband Video

AD8147 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8147 Datasheet PDF - Analog Devices

Part # AD8147
Download  AD8147 Click to download

File Size   584.95 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Triple Differential Driver for Wideband Video

AD8147 Datasheet (HTML) - Analog Devices


AD8147 Product details

GENERAL DESCRIPTION
The AD8146/AD8147/AD8148 are high speed triple, differential or single-ended input to differential output drivers. The AD8146 and AD8147 have a fixed gain of 2, and the AD8148 has a fixed gain of 4. They are all specifically designed for the highest resolution component video signals but can be used for any type of analog signals or high speed data transmission over either Category 5 UTP cable or differential printed circuit board (PCB) transmission lines.

FEATURES
   Triple high speed fully differential driver
      700 MHz, −3 dB, 2 V p-p bandwidth (AD8146/AD8148)
      600 MHz, −3 dB, 2 V p-p bandwidth (AD8147)
      200 MHz, 0.1 dB, 2 V p-p bandwidth
      3000 V/μs slew rate
   Fixed gain (AD8146/AD8147: G = 2, AD8148: G = 4)
   Differential or single-ended input to differential output
      Can be used as differential-to-differential receiver
   Drives one or two 100 Ω UTP cables
   Adjustable output common-mode voltage (AD8146)
   Internal common-mode feedback network
      Output balance error −50 dB @ 50 MHz
   On-chip, sync-on common-mode encoding (AD8147/AD8148)
   Output pull-down feature for line isolation
   Low power: 57 mA @ 5 V for 3 drivers (AD8146)
   Wide supply voltage range: +5 V to ±5 V
   Available in a small 4 mm × 4 mm LFCSP
  
APPLICATIONS
   QXGA or 1080p video transmission
   KVM networking
   Video over unshielded twisted pair (UTP)
   Differential signal multiplexing




Similar Part No. - AD8147

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8147 AD-AD8147_15 Datasheet
543Kb / 24P
Triple Differential Driver for Wideband Video
REV. B
More results


Similar Description - AD8147

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1663G NEC-UPC1663G Datasheet
45Kb / 5P
ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
California Eastern Labs
UPC1663GV CEL-UPC1663GV Datasheet
188Kb / 6P
ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
Sanyo Semicon Device
LA73062V SANYO-LA73062V Datasheet
218Kb / 12P
Monolithic Linear IC Video Driver for Wideband
logo
New Japan Radio
NJM2504 NJRC-NJM2504 Datasheet
117Kb / 5P
VIDEO DIFFERENTIAL OUTPUT DRIVER
logo
IC-Haus GmbH
IC-HE ICHAUS-IC-HE Datasheet
371Kb / 6P
TRIPLE DIFFERENTIAL LINE DRIVER
logo
Agamem Microelectronic ...
AA7623 AGAMEM-AA7623 Datasheet
40Kb / 1P
TRIPLE CHANNEL VIDEO DRIVER
logo
Analog Devices
AD8146 AD-AD8146_15 Datasheet
543Kb / 24P
Triple Differential Driver for Wideband Video
REV. B
AD8147 AD-AD8147_15 Datasheet
543Kb / 24P
Triple Differential Driver for Wideband Video
REV. B
AD8148 AD-AD8148_15 Datasheet
543Kb / 24P
Triple Differential Driver for Wideband Video
REV. B
logo
Unisonic Technologies
VF8418 UTC-VF8418_15 Datasheet
165Kb / 6P
TRIPLE VIDEO DRIVER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com