Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE2F100P120S Datasheet (PDF) - Inchange Semiconductor Company Limited

SE2F100P120S Datasheet PDF - Inchange Semiconductor Company Limited
Part # SE2F100P120S
Download  SE2F100P120S Download
File Size   557.51 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description FRD Module

SE2F100P120S Datasheet (PDF)

Go To PDF Page Download Datasheet
SE2F100P120S Datasheet PDF - Inchange Semiconductor Company Limited

Part # SE2F100P120S
Download  SE2F100P120S Click to download

File Size   557.51 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description FRD Module

SE2F100P120S Datasheet (HTML) - Inchange Semiconductor Company Limited


SE2F100P120S Product details

FEATURES
·Low Forward Voltage
·Ultrafast Reverse Recovery Time
·150℃ Operating Junction Temperature
·Solation Type Package
APPLICATIONS
·Cutting Machine
·Various Switching and Telecommunication Power Supply
·Inverter Welders
·Plating Power Supply




Similar Part No. - SE2F100P120S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SE2 RECTRON-SE2 Datasheet
343Kb / 5P
SURFACE MOUNT SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere
SE2 RECTRON-SE2 Datasheet
240Kb / 7P
SURFACE MOUNT SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 800 Volts CURRENT 1.0 Ampere
2021-10 REV:F
logo
Turck, Inc.
SE20-84MT-RJ822 TURCK-SE20-84MT-RJ822 Datasheet
170Kb / 2P
Industrial Ethernet Managed Switch
2023-07-21
SE20-84X-RJ522 TURCK-SE20-84X-RJ522 Datasheet
176Kb / 1P
Industrial Ethernet Unmanaged Switch
2023-07-21
SE20-84XT-RJ422-FO TURCK-SE20-84XT-RJ422-FO Datasheet
186Kb / 2P
Industrial Ethernet Unmanaged Switch
2023-07-21
More results


Similar Description - SE2F100P120S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FRS200BA50 ETC-FRS200BA50 Datasheet
287Kb / 2P
DIODE MODULE FRD
FRS300BA50 ETC-FRS300BA50 Datasheet
250Kb / 2P
DIODE MODULE FRD
logo
Nihon Inter Electronics...
PC100F5 NIEC-PC100F5 Datasheet
30Kb / 2P
FRD MODULE
logo
MagnaChip Semiconductor...
MPSC2N60U120 MGCHIP-MPSC2N60U120 Datasheet
628Kb / 5P
1200V FRD Module
MPSC2N100U120 MGCHIP-MPSC2N100U120 Datasheet
641Kb / 5P
1200V FRD Module
MPKB2SA75U120 MGCHIP-MPKB2SA75U120 Datasheet
618Kb / 5P
1200V FRD Module
MPKC2SA MGCHIP-MPKC2SA Datasheet
638Kb / 5P
400V FRD Module
MPJC2CA100U60 MGCHIP-MPJC2CA100U60 Datasheet
601Kb / 5P
600V FRD Module
MPJC2CA150U60 MGCHIP-MPJC2CA150U60 Datasheet
610Kb / 5P
600V FRD Module
MPKB2CA150U60 MGCHIP-MPKB2CA150U60 Datasheet
629Kb / 5P
600V FRD Module
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com