Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6752-12 Datasheet (PDF) - Sensata Technologies, Inc.

6752-12 Datasheet PDF - Sensata Technologies, Inc.
Part # 6752-12
Download  6752-12 Download
File Size   143.63 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description 2½ to 65 Amp, Single–Phase, Ambient Compensated

6752-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
6752-12 Datasheet PDF - Sensata Technologies, Inc.

Part # 6752-12
Download  6752-12 Click to download

File Size   143.63 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description 2½ to 65 Amp, Single–Phase, Ambient Compensated

6752-12 Datasheet (HTML) - Sensata Technologies, Inc.


6752-12 Product details

Features
• Trip–free design
• Single–phase
• Ambient compensated
• MIL-DTL-27715 qualified
• Current rating: 2.5 to 65 amps
• Long, trouble–free operation: 20,000 operating cycles
• High vibration resistance
• High interrupting capacity
• Option available: Auxiliary circuits
• Circuit protection unaffected by temperature fluctuations (ambient
compensated from -53.9°C to 93.3°C)
• Only faulted line circuits opened (coordination ratings insure that
branch circuit breakers trip first under fault conditions)
• Typical use: Aircraft electrical systems




Similar Part No. - 6752-12

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
6752-100 SENSATA-6752-100 Datasheet
129Kb / 3P
50–100 Amp, Single–Phase, 3–Phase, Ambient Compensated
Rev:10/05/18
6752-100-100 SENSATA-6752-100-100 Datasheet
129Kb / 3P
50–100 Amp, Single–Phase, 3–Phase, Ambient Compensated
Rev:10/05/18
6752-100-50 SENSATA-6752-100-50 Datasheet
129Kb / 3P
50–100 Amp, Single–Phase, 3–Phase, Ambient Compensated
Rev:10/05/18
6752-100-60 SENSATA-6752-100-60 Datasheet
129Kb / 3P
50–100 Amp, Single–Phase, 3–Phase, Ambient Compensated
Rev:10/05/18
6752-100-70 SENSATA-6752-100-70 Datasheet
129Kb / 3P
50–100 Amp, Single–Phase, 3–Phase, Ambient Compensated
Rev:10/05/18
More results


Similar Description - 6752-12

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2W005G FUJI-2W005G Datasheet
729Kb / 1P
2 AMP GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Micro Commercial Compon...
2W005 MCC-2W005 Datasheet
78Kb / 2P
2 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
BR805DL MCC-BR805DL Datasheet
90Kb / 2P
2 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
List of Unclassifed Man...
BJ39931 ETC-BJ39931 Datasheet
426Kb / 5P
SINGLE PHASE MOULDED BRIDGES 0,8 AMP TO 1,5 AMP
logo
Micro Commercial Compon...
2W005 MCC-2W005_06 Datasheet
153Kb / 4P
2 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
2W005G MCC-2W005G Datasheet
165Kb / 4P
2 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Kwang Myoung I.S. CO.,L...
DB201S KISEMICONDUCTOR-DB201S Datasheet
252Kb / 2P
2 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
BR805DL MCC-BR805DL_07 Datasheet
148Kb / 3P
2 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
G2SB20 MCC-G2SB20 Datasheet
144Kb / 3P
2 Amp Glass Passivated Single-Phase Rectifiers
SDB201 MCC-SDB201 Datasheet
224Kb / 3P
2 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com