Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8802 Datasheet (PDF) - Christian Bürkert GmbH & Co. KG

8802 Datasheet PDF - Christian Bürkert GmbH & Co. KG
Part # 8802
Download  8802 Download
File Size   1998.61 Kbytes
Page   24 Pages
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG
Description Conductivity meter, ELEMENT design

8802 Datasheet (PDF)

Go To PDF Page Download Datasheet
8802 Datasheet PDF - Christian Bürkert GmbH & Co. KG

Part # 8802
Download  8802 Click to download

File Size   1998.61 Kbytes
Page   24 Pages
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG
Description Conductivity meter, ELEMENT design

8802 Datasheet (HTML) - Christian Bürkert GmbH & Co. KG


8802 Product details

The Bürkert conductivity meter Type 8222 is designed for measuring the conductivity
of fluids.
The sensor element comprises a two-electrode cell and a Pt1000 temperature
probe. The sensor itself is available with three different cell constants C. These with
C= 0.01 or 0.1 cm- 1 are fitted with stainless steel electrodes and those with
C= 1.0 cm- 1 are fitted with graphite electrodes. Thus, due to the measurement
device’s design, Bürkert has simplified installation and maintenance work.
The device Type 8222 is available in two variants.
The first one, the so-called ELEMENT standard is proposed either with three
adjustable outputs (two digital outputs and one analogue output) or with four
adjustable outputs (two digital and two analogue) and can be equipped with a display.
The display is only necessary for start-up, configuration (e.g. measuring
range, units, calibration, thresholds) or as a display of process values.
The second variant, the so-called ELEMENT neutrino is a 2-wire device, without
display, with a 4…20 mA current output or with a digital communication mode that
can communicate either in IO-Link or in büS (Bürkert system bus based on CANopen).
Both variants are available with a G 1½" union nut for installation in an adaptor with
a G 1½" external thread sensor connection. The adaptor is mounted into the process.
The ELEMENT neutrino variant is also proposed with a G ¾" external thread
for screwing into an adaptor with a G ¾" internal thread sensor connection.
The device Type 8222 converts the measuring signal and computes the output
signals, which are provided via one or two M12 plug connections for the ELEMENT
standard variant as well as via one M12 plug connection or on a terminal strip via a
cable gland for the ELEMENT neutrino variant. The device in the ELEMENT standard
variant shows several values in different measuring units (if display is mounted).
Type description




Similar Part No. - 8802

ManufacturerPart #DatasheetDescription
logo
Christian Bürkert GmbH ...
8802 BURKERT-8802 Datasheet
1Mb / 20P
Inline positive displacement (PD) flowmeter or Inline batch controller
18.12.2023
8802 BURKERT-8802 Datasheet
1Mb / 39P
Insertion flowmeter/batch controller with paddle wheel and flow transmitter/remote batch controller
12.01.2024
8802 BURKERT-8802 Datasheet
825Kb / 14P
Inline flowmeter for continuous measurements
15.12.2023
8802 BURKERT-8802 Datasheet
444Kb / 8P
Paddle-wheel sensor for low-flow rates
15.12.2023
8802 BURKERT-8802 Datasheet
1Mb / 23P
Inline flowmeter or Inline batch controller, with paddle wheel
18.12.2023
More results


Similar Description - 8802

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
341350-P EXTECH-341350-P Datasheet
219Kb / 1P
pH/Conductivity Meter with TDS
EC400 EXTECH-EC400 Datasheet
187Kb / 11P
Conductivity / TDS / Salinity / Temperature Meter
EC500 EXTECH-EC500 Datasheet
187Kb / 14P
pH/Conductivity / TDS / Salinity / Temperature Meter
logo
Microchip Technology
PIC18F87J72 MICROCHIP-PIC18F87J72_11 Datasheet
2Mb / 50P
Single-Phase Energy Meter Reference Design
2011
MCP3901 MICROCHIP-MCP3901_12 Datasheet
2Mb / 46P
Energy Meter Reference Design
2012
logo
Extech Instruments Corp...
341350A-P EXTECH-341350A-P Datasheet
206Kb / 1P
pH/Conductivity/TDS/ORP/Salinity Meter
EC500 EXTECH-EC500_15 Datasheet
214Kb / 1P
Waterproof ExStik짰 II pH/Conductivity Meter
EC510 EXTECH-EC510 Datasheet
214Kb / 1P
Waterproof ExStik짰 II pH/Conductivity Meter
logo
Maxim Integrated Produc...
DS26503DK MAXIM-DS26503DK Datasheet
1Mb / 30P
T1/E1/J1 BITS Element Design Kit
REV: 031507
logo
Endress+Hauser Group Se...
CLS52 EH-CLS52 Datasheet
618Kb / 16P
Inductive conductivity sensor with fast temperature measurement and hygienic design
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com