Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIT-BB830+SB830 Datasheet (PDF) - BusBoard Prototype Systems Ltd.

KIT-BB830+SB830 Datasheet PDF - BusBoard Prototype Systems Ltd.
Part # KIT-BB830+SB830
Download  KIT-BB830+SB830 Download
File Size   570.4 Kbytes
Page   2 Pages
Manufacturer  BUSBOARD [BusBoard Prototype Systems Ltd.]
Direct Link  http://www.busboard.com/
Logo BUSBOARD - BusBoard Prototype Systems Ltd.
Description A BB830 Solderless Plug-in BreadBoard with a matching SB830 Solderable PCB BreadBoard

KIT-BB830+SB830 Datasheet (PDF)

Go To PDF Page Download Datasheet
KIT-BB830+SB830 Datasheet PDF - BusBoard Prototype Systems Ltd.

Part # KIT-BB830+SB830
Download  KIT-BB830+SB830 Click to download

File Size   570.4 Kbytes
Page   2 Pages
Manufacturer  BUSBOARD [BusBoard Prototype Systems Ltd.]
Direct Link  http://www.busboard.com/
Logo BUSBOARD - BusBoard Prototype Systems Ltd.
Description A BB830 Solderless Plug-in BreadBoard with a matching SB830 Solderable PCB BreadBoard

KIT-BB830+SB830 Datasheet (HTML) - BusBoard Prototype Systems Ltd.


KIT-BB830+SB830 Product details

Features:
• 830 tie points total: 630 tie-point IC-circuit
area plus two 100 tie-point distribution
strips providing 4 power rails.
• White ABS plastic body with black printed
legend. Color legend on distribution strips.
• Contacts are Phosphor Bronze with Plated
Nickel Finish, rated for 50,000 insertions.
• Rated at 36 Volts, 2 Amps.
• Insertion Wire Size is 21 to 26 AWG, 0.016
to 0.028 inches diameter (0.4 to 0.7mm
diameter)
• Peelable adhesive tape backing provided
for attaching to a surface.




Similar Part No. - KIT-BB830+SB830

ManufacturerPart #DatasheetDescription
logo
BusBoard Prototype Syst...
KIT-BB830+ZW BUSBOARD-KIT-BB830+ZW Datasheet
552Kb / 2P
A BB830 Solderless Plug-in BreadBoard with ZW-MM-10 ZipWire Male-to-Male unzippable wires
REV 1
More results


Similar Description - KIT-BB830+SB830

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX10460 AXIOMTEK-AX10460 Datasheet
211Kb / 1P
PC/104 breadboard
logo
SparkFun Electronics
DEV-11235 SPARKFUN-DEV-11235 Datasheet
94Kb / 1P
Arduino and Breadboard Holder
5??6??7
PRT-08376 SPARKFUN-PRT-08376 Datasheet
172Kb / 2P
SparkFun Breadboard Power Supply USB -
8/5/2016
PRT-12043 SPARKFUN-PRT-12043 Datasheet
328Kb / 1P
Breadboard ??Mini Modular (White)
5??6??7
PRT-12044 SPARKFUN-PRT-12044 Datasheet
105Kb / 1P
Breadboard ??Mini Modular (Red)
5??6??7
PRT-12045 SPARKFUN-PRT-12045 Datasheet
111Kb / 1P
Breadboard ??Mini Modular (Blue)
5??6??7
PRT-12046 SPARKFUN-PRT-12046 Datasheet
101Kb / 1P
Breadboard ??Mini Modular (Green)
5??6??7
PRT-12047 SPARKFUN-PRT-12047 Datasheet
107Kb / 1P
Breadboard ??Mini Modular (Black)
5??6??7
PRT-12070 SPARKFUN-PRT-12070 Datasheet
100Kb / 1P
SparkFun Solder-able Breadboard
4/16/2015
logo
BusBoard Prototype Syst...
SB4 BUSBOARD-SB4 Datasheet
1Mb / 3P
Scored PC BreadBoard can be snapped into four smaller Solderable Boards
Rev 1.00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com