Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1205MC Datasheet (PDF) - Murata Power Solutions Inc.

NTE1205MC Datasheet PDF - Murata Power Solutions Inc.
Part # NTE1205MC
Download  NTE1205MC Download
File Size   237.0 Kbytes
Page   8 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Isolated 1W Single Output SM DC-DC Converters

NTE1205MC Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1205MC Datasheet PDF - Murata Power Solutions Inc.

Part # NTE1205MC
Download  NTE1205MC Click to download

File Size   237.0 Kbytes
Page   8 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Isolated 1W Single Output SM DC-DC Converters

NTE1205MC Datasheet (HTML) - Murata Power Solutions Inc.


NTE1205MC Product details

RoHS compliant
Lead frame technology
Single isolated output
1kVDC isolation
Efficiency up to 78%
Power density 1.8W/cm3
Wide temperature performance at full
1 Watt load, –40°C to 85°C
UL 94V-0 Package material
Footprint over pins 1.37cm2
3.3V, 5V & 12V inputs
3.3V, 5V, 9V, 12V & 15V outputs
No heatsink required
Internal SMD construction
Toroidal magnetics
MTTF up to 6.8 million hours
Custom solutions available
Multi-layer ceramic capacitors




Similar Part No. - NTE1205MC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NTE1205MC MURATA-NTE1205MC Datasheet
224Kb / 6P
Isolated 1W Single Output SM DC/DC Converters
NTE1205MC MURATA-NTE1205MC Datasheet
221Kb / 6P
Isolated 1W Single Output SM DC/DC Converters
NTE1205MC MURATA-NTE1205MC Datasheet
221Kb / 6P
Isolated 1W Single Output SM DC/DC Converters
More results


Similar Description - NTE1205MC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NTE CANDD-NTE Datasheet
373Kb / 2P
Isolated 1W Single Output SM DC/DC Converters
logo
Murata Power Solutions ...
MTU1 MURATA-PS-MTU1 Datasheet
159Kb / 6P
Isolated 1W Single Output SM DC/DC Converters
logo
Murata Manufacturing Co...
MTU1 MURATA-MTU1 Datasheet
159Kb / 6P
Isolated 1W Single Output SM DC/DC Converters
logo
Murata Power Solutions ...
MTU1S0305MC MURATA-PS-MTU1S0305MC Datasheet
261Kb / 7P
Isolated 1W Single & Dual Output SM DC/DC Converters
logo
Murata Manufacturing Co...
NTE MURATA-NTE Datasheet
224Kb / 6P
Isolated 1W Single Output SM DC/DC Converters
MTE1S0303MC MURATA-MTE1S0303MC Datasheet
200Kb / 7P
Isolated 1W Single Output SM DC/DC Converters
NTE0505MC-R MURATA-NTE0505MC-R Datasheet
221Kb / 6P
Isolated 1W Single Output SM DC/DC Converters
NTE0305MC-R MURATA-NTE0305MC-R Datasheet
221Kb / 6P
Isolated 1W Single Output SM DC/DC Converters
NXJ1 MURATA-NXJ1 Datasheet
343Kb / 10P
Isolated 1W Single Output SM DC/DC Converters
logo
Murata Power Solutions ...
NXE1 MURATA-PS-NXE1 Datasheet
1Mb / 8P
Isolated 1W Single Output SM DC/DC Converters
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com