Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP81428 Datasheet (PDF) - ON Semiconductor

NCP81428 Datasheet PDF - ON Semiconductor
Part # NCP81428
Download  NCP81428 Download
File Size   1632.43 Kbytes
Page   61 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Hot Swap, Smart Fuse 18 V, 0.65 m, 50 A, LQFN32

NCP81428 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCP81428 Datasheet PDF - ON Semiconductor

Part # NCP81428
Download  NCP81428 Click to download

File Size   1632.43 Kbytes
Page   61 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Hot Swap, Smart Fuse 18 V, 0.65 m, 50 A, LQFN32

NCP81428 Datasheet (HTML) - ON Semiconductor


NCP81428 Product details

General Description
The NCP81428 is a PMBus® enabled, 12 V, 50 A resettable in−line
fuse designed for comprehensive protection against over current
events, over voltage events, short circuit events, and excessive inrush
current. The NCP81428 consists of a 0.65 m NMOS FET, a high
performance Hot−Swap Controller, and a Non−Volatile Memory
(NVM) all co−packaged into a LQFN32 package. The NCP81428 can
be configured as a single−phase solution, or in multi−phase as a
Master or a Slave to support higher current applications.
Power Features
• Up to 80 A Peak Output Current, 50 A Continuous
• VIN Operating Range: 5 to 18 V
• Up to 30 V Standby (PowerFet Off) Operation
• 0.65 m Path Resistance
Control Features
• Enabled by Pin Assertion and/or Through PMBus
• Output Pulldown Selection Via PMBus
• External Soft−Start Programming
• Programmable VIN Under Voltage Warning and Overvoltage Fault
• Programmable OCP Levels and Timers
• Soft Start Current Balancing between Parallel Units
Other Features
• Co−packaged Power Switch, Hotswap Controller and NVM
• (TWI) Two Wire Interface between Master and Slave(s)
• PMBus 1.4 Compliant for Telemetry
• ±2% IMON Accuracy at 30 A and Higher
• 10−bit ADC for IOUT, VIN, IOUT_pk, VOUT, VTEMP
• Parallel Operation for High Current Applications
• Excellent Current Balancing in Parallel Operations
• Over−temperature Shutdown
• FAULT#_C & FAULT#_D Multi−purpose Pins
• Internal FET Health Diagnostics
• Soft−start Current Limiting For SOA Protection
• Excessive Soft−start Duration Protection
• Fault Event and Peak Current Recording
• Programmable Auto Retry/Latch off Options
• 5 mm x 5 mm LQFN32 Package
• Operating Temperature: −40°C to +125°C
Applications
• Servers
• Data Storage
• Base Stations
• Industrial Applications




Similar Part No. - NCP81428

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81001MNTWG ONSEMI-NCP81001MNTWG Datasheet
153Kb / 3P
4Q2013 Product Discontinuance Notice
Rev. 20-Nov-2012
NCP81022 ONSEMI-NCP81022 Datasheet
499Kb / 30P
4/3/2/1 Multi-Phase Buck Controller with PWM_VID and I2C Interface
May, 2020 - Rev. 4
NCP81022 ONSEMI-NCP81022 Datasheet
342Kb / 41P
Dual Output 4 Phase Plus 1 Phase Digital Controller with SVI2 Interface for Desktop and Notebook CPU Applications
March, 2016 - Rev. 7
NCP81022 ONSEMI-NCP81022_V01 Datasheet
342Kb / 41P
Dual Output 4 Phase Plus 1 Phase Digital Controller with SVI2 Interface for Desktop and Notebook CPU Applications
March, 2016 - Rev. 7
NCP81031 ONSEMI-NCP81031 Datasheet
151Kb / 11P
Low Voltage Synchronous Buck Controller
March, 2011 ??Rev. P0
More results


Similar Description - NCP81428

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
-48 V Hot Swap Controller
REV.0
logo
Texas Instruments
TPS24700 TI1-TPS24700 Datasheet
1Mb / 29P
2.5-V to 18-V High-Efficiency Hot-Swap Controller
TPS24710 TI1-TPS24710 Datasheet
2Mb / 34P
2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
logo
Analog Devices
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
48 V Hot Swap Controller
REV. 0
logo
Texas Instruments
TPS2421-1 TI1-TPS2421-1_16 Datasheet
1Mb / 31P
5-A, 20-V Integrated FET Hot Swap
TPS24740 TI1-TPS24740 Datasheet
2Mb / 61P
2.5-V to 18-V High Performance Hot Swap and ORing Controller
TPS24772 TI1-TPS24772 Datasheet
2Mb / 51P
2.5 to 18-V High Performance Hot Swap
TPS24710 TI1-TPS24710_17 Datasheet
2Mb / 38P
2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
logo
ON Semiconductor
NCP81295 ONSEMI-NCP81295 Datasheet
1Mb / 24P
Hot Swap Smart Fuse
April, 2020 ??Rev. 12
logo
Analog Devices
LT4200 AD-LT4200 Datasheet
803Kb / 18P
50A Hot Swap E-Fuse with Guaranteed SOA
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com