Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1425035 Datasheet (PDF) - PHOENIX CONTACT

1425035 Datasheet PDF - PHOENIX CONTACT
Part # 1425035
Download  1425035 Download
File Size   544.78 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P- 5,0-105/M12FSL - Power cable

1425035 Datasheet (PDF)

Go To PDF Page Download Datasheet
1425035 Datasheet PDF - PHOENIX CONTACT

Part # 1425035
Download  1425035 Click to download

File Size   544.78 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P- 5,0-105/M12FSL - Power cable

1425035 Datasheet (HTML) - PHOENIX CONTACT


1425035 Product details

Power cable, 4-position, PUR halogen-free, black-gray RAL 7021, free cable end, on Socket
straight M12, coding: L, cable length: 5 m, For direct current up to 12 A/63 V

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Protection against mismatching, thanks to special L-coding
• Our standard: robust halogen-free PUR cable




Similar Part No. - 1425035

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1425030 PHOENIX-1425030 Datasheet
627Kb / 18P
SAC-4P-M12MRL/ 3,0-105 - Power cable
1425031 PHOENIX-1425031 Datasheet
623Kb / 18P
SAC-4P-M12MRL/ 5,0-105 - Power cable
1425032 PHOENIX-1425032 Datasheet
623Kb / 18P
SAC-4P-M12MRL/10,0-105 - Power cable
1425033 PHOENIX-1425033 Datasheet
554Kb / 18P
SAC-4P- 1,5-105/M12FSL - Power cable
1425034 PHOENIX-1425034 Datasheet
544Kb / 18P
SAC-4P- 3,0-105/M12FSL - Power cable
More results


Similar Description - 1425035

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1415198 PHOENIX-1415198 Datasheet
103Kb / 5P
Power cable - SAC-4P-MRT/ 5,0-PUR/FRT SCO
1415204 PHOENIX-1415204 Datasheet
110Kb / 5P
Power cable - SAC-4P-MRT/ 5,0-PUR/FRT SH SCO
1438707 PHOENIX-1438707 Datasheet
42Kb / 2P
Sensor/Actuator cable - SAC-4P- 5,0-PVC/AD
1415589 PHOENIX-1415589 Datasheet
143Kb / 11P
Sensor/actuator cable - SAC-4P-M12MS/ 5,0-PVC
09/11/2020
1424122 PHOENIX-1424122 Datasheet
155Kb / 9P
Power cable - SAC-4P-M12MST/ 5,0-PUR SH
09/11/2020
1456970 PHOENIX-1456970 Datasheet
122Kb / 9P
Sensor/actuator cable - SAC-4P- 5,0-800/M12FR
09/11/2020
1457144 PHOENIX-1457144 Datasheet
123Kb / 10P
Sensor/actuator cable - SAC-4P-M12MR/ 5,0-800
09/11/2020
1668124 PHOENIX-1668124 Datasheet
147Kb / 11P
Sensor/actuator cable - SAC-4P- 5,0-PUR/M12FS
09/11/2020
1569401 PHOENIX-1569401 Datasheet
367Kb / 10P
SAC-4P-M12MSD/ 5,0-931 - Bus system cable
1558373 PHOENIX-1558373 Datasheet
327Kb / 9P
SAC-4P- 5,0-990/M12FS - Bus system cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com