Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

73-779-000 Datasheet (PDF) - Advanced Energy Industries, Inc.

73-779-000 Datasheet PDF - Advanced Energy Industries, Inc.
Part # 73-779-000
Download  73-779-000 Download
File Size   987.01 Kbytes
Page   8 Pages
Manufacturer  ADVANCEDENERGY [Advanced Energy Industries, Inc.]
Direct Link  https://www.advancedenergy.com/ko-kr/
Logo ADVANCEDENERGY - Advanced Energy Industries, Inc.
Description ARTESYN INTELLIGENT TRANSFER SWITCH

73-779-000 Datasheet (PDF)

Go To PDF Page Download Datasheet
73-779-000 Datasheet PDF - Advanced Energy Industries, Inc.

Part # 73-779-000
Download  73-779-000 Click to download

File Size   987.01 Kbytes
Page   8 Pages
Manufacturer  ADVANCEDENERGY [Advanced Energy Industries, Inc.]
Direct Link  https://www.advancedenergy.com/ko-kr/
Logo ADVANCEDENERGY - Advanced Energy Industries, Inc.
Description ARTESYN INTELLIGENT TRANSFER SWITCH

73-779-000 Datasheet (HTML) - Advanced Energy Industries, Inc.


73-779-000 Product details

SPECIAL FEATURES
5 years manufacturer’s warranty
Modular 8 channel A:B switch
Standard 19” rack
Reversable mounting tabs
Designed for use with iHP and
LCM4000 product families
100% digital control
Intelligent zero current switching
when used with Artesyn devices
Digital communication via RS485
(Modbus-RTU)
Cloud based User configurable GUI
Natural convection cooled (No Fan)
Field upgradeable firmware
Up to 16 racks are addressable from
one control node
Configurable baud rate
MTBF 400K hours per Telecordia
SR-332 Method 1 Case 3, Part Stress
Product lifetime 10 years minimum




Similar Part No. - 73-779-000

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
73-7792-1 EMERSON-NETWORKPOWER-73-7792-1 Datasheet
74Kb / 1P
CAT5E molded & booted patch cable
More results


Similar Description - 73-779-000

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100C0347 DAICO-100C0347 Datasheet
118Kb / 1P
Transfer Switch
DSWT2180 DAICO-DSWT2180 Datasheet
148Kb / 1P
Transfer Switch
logo
M/A-COM Technology Solu...
SW-283-PIN MA-COM-SW-283-PIN Datasheet
64Kb / 4P
GaAs Transfer Switch, GaAs Transfer Switch,
logo
Pasternack Enterprises,...
PE71S6172 PASTERNACK-PE71S6172 Datasheet
458Kb / 6P
Transfer Switch
PE71S6173 PASTERNACK-PE71S6173 Datasheet
466Kb / 6P
Transfer Switch
PE71S6179 PASTERNACK-PE71S6179 Datasheet
452Kb / 6P
Transfer Switch
PE71S6202 PASTERNACK-PE71S6202 Datasheet
446Kb / 6P
Transfer Switch
PE71S6203 PASTERNACK-PE71S6203 Datasheet
448Kb / 6P
Transfer Switch
logo
Mini-Circuits
MTS-18-12B MINI-MTS-18-12B Datasheet
327Kb / 2P
Transfer Switch
logo
List of Unclassifed Man...
PX3TS ETC1-PX3TS Datasheet
520Kb / 3P
Intelligent Rack Transfer Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com