Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M4094 Datasheet (PDF) - Enercon Technologies Europe AG

M4094 Datasheet PDF - Enercon Technologies Europe AG
Part # M4094
Download  M4094 Download
File Size   1165.96 Kbytes
Page   18 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description DC/DC POWER SUPPLY

M4094 Datasheet (PDF)

Go To PDF Page Download Datasheet
M4094 Datasheet PDF - Enercon Technologies Europe AG

Part # M4094
Download  M4094 Click to download

File Size   1165.96 Kbytes
Page   18 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description DC/DC POWER SUPPLY

M4094 Datasheet (HTML) - Enercon Technologies Europe AG


M4094 Product details

PRODUCT HIGHLIGHTS
VITA 62.2 COMPLIANT
SOSATM ALIGNED
3U FORM FACTOR
UP TO 800 W
OPERATING TEMP: –55°C to +85°C
EMI: Compliant to MIL-STD-461G
Environmental: MIL-STD-810
Input Options:
MIL-STD-704
Cyber secure

FEATURES
VITA 62.2 Compliant
Aligned with the SOSATM Technical Standard
Wide input range
Connectors are VITA 62.2 to increase breakdown voltage
Up to 800W output power
Remote sense
Fixed switching frequency (220 kHz / 110KHz)
External synchronization capability
Indefinite short circuit Protection
Over-voltage shutdown with auto-recovery
Reverse battery protection
Over temperature shutdown with auto-recovery
EMI filters included
System Management: protocol per VITA 46.11
oOutput voltages and currents
oInput voltage
oCard temperature
oCard system status




Similar Part No. - M4094

ManufacturerPart #DatasheetDescription
logo
Enercon Technologies Eu...
M4090 ENERCON-M4090 Datasheet
790Kb / 16P
1 200 W DC/DC 6U VITA 62 POWER SUPPLY
Jun 15, 2021
More results


Similar Description - M4094

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
TPS_DNX301 CANDD-TPS_DNX301 Datasheet
130Kb / 4P
DC/DC Power Supply
TPS_DNX350 CANDD-TPS_DNX350 Datasheet
131Kb / 4P
DC/DC Power Supply
logo
MORNSUN Science& Techno...
URA2405YMD-6WR3 MORNSUN-URA2405YMD-6WR3 Datasheet
339Kb / 6P
DC/DC Power Supply Module
URA2405YMD-6WR3 MORNSUN-URA2405YMD-6WR3_15 Datasheet
1Mb / 6P
DC/DC Power Supply Module
URH2405P-6WR3 MORNSUN-URH2405P-6WR3_15 Datasheet
263Kb / 4P
DC/DC Power Supply Module
logo
XFMRS Inc.
XFEB321611-101 XFMRS-XFEB321611-101 Datasheet
26Kb / 1P
DC POWER SUPPLY
XFEB321611-102-1A XFMRS-XFEB321611-102-1A Datasheet
74Kb / 2P
DC POWER SUPPLY
XFEI100505-4N7S XFMRS-XFEI100505-4N7S Datasheet
57Kb / 1P
DC POWER SUPPLY
logo
Shanghai Leiditech Elec...
AP2305GN LEIDITECH-AP2305GN Datasheet
563Kb / 3P
Power Supply DC-DC Converters
logo
M-System Co.,Ltd.
HDC1 MSYSTEM-HDC1 Datasheet
67Kb / 2P
DC POWER SUPPLY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com