Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1982 Datasheet (PDF) - Enercon Technologies Europe AG

M1982 Datasheet PDF - Enercon Technologies Europe AG
Part # M1982
Download  M1982 Download
File Size   600.26 Kbytes
Page   7 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description AC/DC POWER SUPPLY

M1982 Datasheet (PDF)

Go To PDF Page Download Datasheet
M1982 Datasheet PDF - Enercon Technologies Europe AG

Part # M1982
Download  M1982 Click to download

File Size   600.26 Kbytes
Page   7 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description AC/DC POWER SUPPLY

M1982 Datasheet (HTML) - Enercon Technologies Europe AG


M1982 Product details

PRODUCT HIGHLIGHTS
• HIGH DENSITY
• HIGH POWER FACTOR
• SINGLE OUTPUT
• AC/DC POWER SUPPLY
• UP TO 300 W
• OPTIONAL 10J HOLDUP

Special Features
• Miniature size
• High efficiency
• Wide input range
• High power factor (0.99)
• Input / Output isolation
• Inrush Current Limiter
• External Inhibit (On/Off)
• Fixed switching freq. (250 kHz)
• Externally synchronizable
• EMI filters included
• Remote sense compensation
• Indefinite short circuit protection with auto-recovery
• Over-voltage shutdown with auto-recovery
• Over temperature shutdown
with auto-recovery




Similar Part No. - M1982

ManufacturerPart #DatasheetDescription
logo
Enercon Technologies Eu...
M1981 ENERCON-M1981 Datasheet
828Kb / 5P
AC/DC CONVERTERS
2017/04/20
M1986 ENERCON-M1986 Datasheet
676Kb / 9P
AC/DC POWER SUPPLY
Mar 5, 2024
logo
Eclipse Magnetics Ltd
M19863XR ECLIPSEMAGNETICS-M19863XR Datasheet
180Kb / 1P
Neodymium NdFeB
logo
Enercon Technologies Eu...
M1987 ENERCON-M1987 Datasheet
584Kb / 9P
SINGLE-OUTPUT, 300W FILTER
Aug 10, 2021
M1987-100 ENERCON-M1987-100 Datasheet
584Kb / 9P
SINGLE-OUTPUT, 300W FILTER
Aug 10, 2021
More results


Similar Description - M1982

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com