Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

78436432047 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

78436432047 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 78436432047
Download  78436432047 Download
File Size   828.09 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-HCFA High Current Flat Wire Inductor

78436432047 Datasheet (PDF)

Go To PDF Page Download Datasheet
78436432047 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 78436432047
Download  78436432047 Click to download

File Size   828.09 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-HCFA High Current Flat Wire Inductor

78436432047 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


78436432047 Product details

General Information:
Ambient Temperature (referring
to IR) -40 up to +100 °C
Operating Temperature -40 up to +150 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1




Similar Part No. - 78436432047

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
78436432010 WURTH-78436432010 Datasheet
673Kb / 7P
WE-HCFA High Current Flat Wire Inductor
002.001
78436432015 WURTH-78436432015 Datasheet
826Kb / 7P
WE-HCFA High Current Flat Wire Inductor
002.001
78436432033 WURTH-78436432033 Datasheet
828Kb / 7P
WE-HCFA High Current Flat Wire Inductor
002.001
78436432068 WURTH-78436432068 Datasheet
827Kb / 7P
WE-HCFA High Current Flat Wire Inductor
002.001
More results


Similar Description - 78436432047

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74435580820 WURTH-74435580820 Datasheet
1Mb / 6P
WE-HCI SMD Flat Wire High Current Inductor
74435583300 WURTH-74435583300 Datasheet
1Mb / 6P
WE-HCI SMD Flat Wire High Current Inductor
74435586800 WURTH-74435586800 Datasheet
1Mb / 6P
WE-HCI SMD Flat Wire High Current Inductor
744310095 WURTH-744310095 Datasheet
1Mb / 6P
WE-HCI SMD Flat Wire High Current Inductor
744310150 WURTH-744310150 Datasheet
1Mb / 6P
WE-HCI SMD Flat Wire High Current Inductor
744311068 WURTH-744311068 Datasheet
1Mb / 6P
WE-HCI SMD Flat Wire High Current Inductor
744311150 WURTH-744311150 Datasheet
1Mb / 6P
WE-HCI SMD Flat Wire High Current Inductor
744313068 WURTH-744313068 Datasheet
1Mb / 6P
WE-HCI SMD Flat Wire High Current Inductor
744314490 WURTH-744314490 Datasheet
1Mb / 6P
WE-HCI SMD Flat Wire High Current Inductor
78436432010 WURTH-78436432010 Datasheet
673Kb / 7P
WE-HCFA High Current Flat Wire Inductor
002.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com