Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ME3116 Datasheet (PDF) - List of Unclassifed Manufacturers

ME3116 Datasheet PDF - List of Unclassifed Manufacturers
Part # ME3116
Download  ME3116 Download
File Size   529.29 Kbytes
Page   12 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description DC/DC step-down regulator ME3116 with maximum input 40V and load capacity up to 1A

ME3116 Datasheet (PDF)

Go To PDF Page Download Datasheet
ME3116 Datasheet PDF - List of Unclassifed Manufacturers

Part # ME3116
Download  ME3116 Click to download

File Size   529.29 Kbytes
Page   12 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description DC/DC step-down regulator ME3116 with maximum input 40V and load capacity up to 1A

ME3116 Datasheet (HTML) - List of Unclassifed Manufacturers


ME3116 Product details

Features
●Feedback terminal reference voltage 0.8V
●Input voltage range 4.75V to 40V
● Output current up to 1A
● Working frequency 550KHZ
● Maximum efficiency 90%
● Automatic switching between PWM and PFM modes
● Lower shutdown consumption IQ =0.7 μA (typ.)
● Short circuit protection
● Built-in soft start
● Built-in compensation

Application occasions
● Battery powered equipment
●Industrial grade discrete power supply
● Portable media devices
● Portable handheld devices




Similar Part No. - ME3116

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
ME3113B MICRO-ELECTRONICS-ME3113B Datasheet
52Kb / 2P
BLUE SIDE BACKLIGHT FOR LCD DISPLAY
More results


Similar Description - ME3116

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2734 NSC-LM2734 Datasheet
459Kb / 22P
Thin SOT23 1A Load Step-Down DC-DC Regulator
LM2734Z NSC-LM2734Z Datasheet
775Kb / 9P
Thin SOT23 1A Load Step-Down DC-DC Regulator
logo
Maxim Integrated Produc...
MAX5080 MAXIM-MAX5080 Datasheet
962Kb / 19P
1A, 40V, MAXPower Step-Down DC-DC Converters
Rev 1; 2/07
logo
Fairchild Semiconductor
FAN8060 FAIRCHILD-FAN8060 Datasheet
507Kb / 13P
1.2MHz, 1A Synchronous Step-Down DC/DC Regulator
logo
Texas Instruments
LM2734 TI1-LM2734 Datasheet
1Mb / 31P
LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
LM2734Z TI1-LM2734Z_14 Datasheet
1Mb / 29P
Thin SOT23 1A Load Step-Down DC-DC Regulator
LM2734Z TI-LM2734Z_15 Datasheet
1Mb / 32P
LM2734Z/LM2734ZQ Thin SOT 1A Load Step-Down DC-DC Regulator
logo
BCD Semiconductor Manuf...
AZ34063D BCDSEMI-AZ34063D Datasheet
812Kb / 14P
1A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
Shenzhen Huazhimei Semi...
HM2459B HMSEMI-HM2459B Datasheet
873Kb / 13P
800 mA up to 40V Input Step-Down DC/DC Regulator
logo
Maxim Integrated Produc...
MAX5080 MAXIM-MAX5080_V01 Datasheet
1Mb / 19P
1A, 40V, MAXPower Step-Down DC-DC Converters
2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com